Electronic Components Datasheet Search
  English  ▼

X  

AD9558 Datasheet(PDF) 91 Page - Analog Devices

Part # AD9558
Description  Quad Input Multiservice Line Card Adaptive
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558 Datasheet(HTML) 91 Page - Analog Devices

Back Button AD9558 Datasheet HTML 87Page - Analog Devices AD9558 Datasheet HTML 88Page - Analog Devices AD9558 Datasheet HTML 89Page - Analog Devices AD9558 Datasheet HTML 90Page - Analog Devices AD9558 Datasheet HTML 91Page - Analog Devices AD9558 Datasheet HTML 92Page - Analog Devices AD9558 Datasheet HTML 93Page - Analog Devices AD9558 Datasheet HTML 94Page - Analog Devices AD9558 Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 104 page
background image
Data Sheet
AD9558
Rev. A | Page 91 of 104
Table 96. IRQ Clearing for History Update, Frequency Limit, and Phase Slew Limit
Address
Bits
Bit Name
Description
[7:5]
Reserved
Reserved
4
History updated
Clears history updated IRQ
3
Frequency unclamped
Clears frequency unclamped IRQ
2
Frequency clamped
Clears frequency clamped IRQ
1
Phase slew unlimited
Clears phase slew unlimited IRQ
0x0A07
0
Phase slew limited
Clears phase slew limited IRQ
Table 97. IRQ Clearing for Reference Inputs
Address
Bits
Bit Name
Description
7
Reserved
Reserved
6
REFB validated
Clears REFB validated IRQ
5
REFB fault cleared
Clears REFB fault cleared IRQ
4
REFB fault
Clears REFB fault IRQ
3
Reserved
Reserved
2
REFA validated
Clears REFA validated IRQ
1
REFA fault cleared
Clears REFA fault cleared IRQ
0x0A08
0
REFA fault
Clears REFA fault IRQ
7
Reserved
Reserved
6
REFD validated
Clears REFD validated IRQ
5
REFD fault cleared
Clears REFD fault cleared IRQ
4
REFD fault
Clears REFD fault IRQ
3
Reserved
Reserved
2
REFC validated
Clears REFC validated IRQ
1
REFC fault cleared
Clears REFC fault cleared IRQ
0x0A09
0
REFC fault
Clears REFC fault IRQ
Table 98. Incremental Phase Offset Control
Address
Bits
Bit Name
Description
[7:3]
Reserved
Reserved.
2
Reset phase offset
Resets the incremental phase offset to zero.
This is an autoclearing bit.
1
Decrement phase offset
Decrements the incremental phase offset by the amount specified in the incremental
phase lock offset step size registers (Register 0x0312 to Register 0x0313).
This is an autoclearing bit.
0x0A0A
0
Increment phase offset
Increments the incremental phase offset by the amount specified in the incremental
phase lock offset step size registers (Register 0x0312 to Register 0x0313).
This is an autoclearing bit.
Table 99. Reference Validation Override Controls
Address
Bits
Bit Name
Description
[7:4]
Reserved
Reserved.
3
Force Timeout D
Setting this autoclearing bit emulates timeout of the validation timer for Reference D
and allows the user to make REFD valid immediately.
2
Force Timeout C
Setting this autoclearing bit emulates timeout of the validation timer for Reference C
and allows the user to make REFC valid immediately.
1
Force Timeout B
Setting this autoclearing bit emulates timeout of the validation timer for Reference B
and allows the user to make REFB valid immediately.
0x0A0B
0
Force Timeout A
Setting this autoclearing bit emulates timeout of the validation timer for Reference A
and allows the user to make REFA valid immediately.
[7:4]
Reserved
Reserved.
3
Ref Mon Override D
Overrides the reference monitor REF FAULT signal for Reference D (default: 0).
2
Ref Mon Override C
Overrides the reference monitor REF FAULT signal for Reference C (default: 0).
1
Ref Mon Override B
Overrides the reference monitor REF FAULT signal for Reference B (default: 0).
0x0A0C
0
Ref Mon Override A
Overrides the reference monitor REF FAULT signal for Reference A (default: 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com