Electronic Components Datasheet Search
  English  ▼

X  

AD9558 Datasheet(PDF) 90 Page - Analog Devices

Part # AD9558
Description  Quad Input Multiservice Line Card Adaptive
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558 Datasheet(HTML) 90 Page - Analog Devices

Back Button AD9558 Datasheet HTML 86Page - Analog Devices AD9558 Datasheet HTML 87Page - Analog Devices AD9558 Datasheet HTML 88Page - Analog Devices AD9558 Datasheet HTML 89Page - Analog Devices AD9558 Datasheet HTML 90Page - Analog Devices AD9558 Datasheet HTML 91Page - Analog Devices AD9558 Datasheet HTML 92Page - Analog Devices AD9558 Datasheet HTML 93Page - Analog Devices AD9558 Datasheet HTML 94Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 104 page
background image
AD9558
Data Sheet
Rev. A | Page 90 of 104
Reset Functions (Register 0x0A03)
Table 92. Reset Functions1
Address
Bits
Bit Name
Description
7
Reserved
Default: 0b.
6
Clear LF
Setting this bit clears the digital loop filter (intended as a debug tool).
5
Clear CCI
Setting this bit clears the CCI filter (intended as a debug tool).
4
Reserved
Default: 0b.
3
Clear auto sync
Setting this bit resets the automatic synchronization logic (see Register 0x0500).
2
Clear TW history
Setting this bit resets the tuning word history logic (part of holdover functionality).
1
Clear all IRQs
Setting this bit clears the entire IRQ monitor register (Register 0x0D02 to Register 0x0D07).
It is the equivalent of setting all the bits of the IRQ clearing register (Register 0x0A04 to
Register 0x0A0D).
0x0A03
(autoclear)
0
Clear watchdog timer
Setting this bit resets the watchdog timer (see Register 0x0211 and Register 0x0212). If the
timer times out, it starts a new timing cycle. If the timer has not yet timed out, it restarts at
time zero without causing a timeout event. Continuously resetting the watchdog timer at
intervals less than its timeout period prevents the watchdog timer from generating a timeout
event.
1 Note that all bits in this register are autoclearing.
IRQ Clearing (Register 0x0A04 to Register 0x0A09)
The IRQ clearing registers are identical in format to the IRQ monitor registers (Register 0x0D02 to Register 0x0D09). When set to logic 1,
an IRQ clearing bit resets the corresponding IRQ monitor bit, thereby canceling the interrupt request for the indicated event. The IRQ
clearing register is an autoclearing register.
Table 93. IRQ Clearing for SYSCLK
Address
Bits
Bit Name
Description
[7:6]
Reserved
Reserved
5
SYSCLK unlocked
Clears SYSCLK unlocked IRQ
4
SYSCLK locked
Clears SYSCLK locked IRQ
3
APLL unlocked
Clears Output PLL unlocked IRQ
2
APLL locked
Clears Output PLL locked IRQ
1
APLL Cal ended
Clears APLL calibration complete IRQ
0x0A04
0
APLL Cal started
Clears APLL calibration started IRQ
Table 94. IRQ Clearing for Distribution Sync, Watchdog Timer, and EEPROM
Address
Bits
Bit Name
Description
[7:5]
Reserved
Reserved
4
Pin program end
Clears pin program end IRQ
3
Sync clock distribution
Clears distribution sync IRQ
2
Watchdog timer
Clears watchdog timer IRQ
1
EEPROM fault
Clears EEPROM fault IRQ
0x0A05
0
EEPROM complete
Clears EEPROM complete IRQ
Table 95. IRQ Clearing for the Digital PLL
Address
Bits
Bit Name
Description
7
Switching
Clears switching IRQ
6
Closed
Clears closed IRQ
5
Freerun
Clears free run IRQ
4
Holdover
Clears holdover IRQ
3
Frequency unlocked
Clears frequency unlocked IRQ
2
Frequency locked
Clears frequency locked IRQ
1
Phase unlocked
Clears phase unlocked IRQ
0x0A06
0
Phase locked
Clears phase locked IRQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com