Electronic Components Datasheet Search
  English  ▼

X  

AD9558 Datasheet(PDF) 60 Page - Analog Devices

Part # AD9558
Description  Quad Input Multiservice Line Card Adaptive
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558 Datasheet(HTML) 60 Page - Analog Devices

Back Button AD9558 Datasheet HTML 56Page - Analog Devices AD9558 Datasheet HTML 57Page - Analog Devices AD9558 Datasheet HTML 58Page - Analog Devices AD9558 Datasheet HTML 59Page - Analog Devices AD9558 Datasheet HTML 60Page - Analog Devices AD9558 Datasheet HTML 61Page - Analog Devices AD9558 Datasheet HTML 62Page - Analog Devices AD9558 Datasheet HTML 63Page - Analog Devices AD9558 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 104 page
background image
AD9558
Data Sheet
Rev. A | Page 60 of 104
Table 33. Preset Output Frequencies for Hard Pin and Soft Pin Programming
Hard Pin Program
PINCONTROL = High
Soft Pin Program
PINCONTROL = Low,
Register 0x0C01[3:0]
Freq ID
Frequency (MHz)
Frequency Description
M3
M2
M1
B7
B6
B5
B4
0
19.44
19.44 MHz
0
0
0
0
0
0
0
1
25
25 MHz
0
0
½
0
0
0
1
2
125
125 MHz
0
0
1
0
0
1
0
3
156.7071
156.25 MHz × 1027/1024
0
½
0
0
0
1
1
4
622.08
622.08 MHz
0
½
½
0
1
0
0
5
625
625 MHz
0
½
1
0
1
0
1
6
644.53125
625 MHz × 33/32
0
1
0
0
1
1
0
7
657.421875
657.421875 MHz
0
1
½
1
1
1
8
660.184152
657.421875 MHz × 239/238
0
1
1
1
0
0
0
9
666.5143
622.08 MHz × 255/238
½
0
0
1
0
0
1
10
669.3266
622.08 MHz × 255/237
½
0
½
1
0
1
0
11
672.1627
622.08 MHz × 255/236
½
0
1
1
0
1
1
12
690.5692
644.53125 MHz × 255/238
½
½
0
1
1
0
0
13
693.4830
644.53125 MHz × 255/237
½
½
½
1
1
0
1
14
698.8124
622.08 MHz × 255/237
½
½
1
1
1
1
0
15
704.380580
657.421875 MHz × 255/238
½
1
0
1
1
1
1
Table 34. System Clock Configuration in Hard Pin and Soft Pin Programming Modes
Hard Pin Program
PINCONTROL = High,
IRQ Pin
Soft Pin Program
PINCONTROL = Low,
Register 0x0C02[1:0]
Equivalent
System Clock
PLL Register
Settings
Freq ID
Frequency (MHz)
System Clock Configuration
IRQ Pin
Bit 1
Bit 0
0
49.152
XTAL mode, doubler on, N = 8
0
0
0
0001, 0000, 1000
1
49.152
XTAL mode off, doubler on, N = 8
½
0
1
2
24.576
XTAL mode, doubler on, N = 16
1
1
0
3
98.304
XTAL mode off, doubler off, N = 8
N/A
1
1
HARD PIN PROGRAMMING MODE
The state of the PINCONTROL pin at power-up controls whether
or not the chip is in hard pin programming mode. Setting the
PINCONTROL pin high disables the I2C protocol, although the
register map can be accessed via the SPI protocol.
The M0, M5, and M4 pins select one of 16 input frequencies, and
the M3 to M1 pins select one of 16 possible output frequencies. See
Table 32 and Table 33 for details.
The system clock configuration is controlled by the state of the
IRQ pin at startup (see Table 34 for details). The digital PLL
loop bandwidth, reference input frequency accuracy tolerance
ranges, and DPLL phase margin selection are not available in
hard pin programming mode unless the user uses the serial port
to change their default values.
When in hard pin programming mode, the user must set
Register 0x0200[0] = 1 to activate the IRQ, REF status, and PLL
lock status signals at the multifunction pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com