Electronic Components Datasheet Search
  English  ▼

X  

AD9558 Datasheet(PDF) 71 Page - Analog Devices

Part # AD9558
Description  Quad Input Multiservice Line Card Adaptive
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558 Datasheet(HTML) 71 Page - Analog Devices

Back Button AD9558 Datasheet HTML 67Page - Analog Devices AD9558 Datasheet HTML 68Page - Analog Devices AD9558 Datasheet HTML 69Page - Analog Devices AD9558 Datasheet HTML 70Page - Analog Devices AD9558 Datasheet HTML 71Page - Analog Devices AD9558 Datasheet HTML 72Page - Analog Devices AD9558 Datasheet HTML 73Page - Analog Devices AD9558 Datasheet HTML 74Page - Analog Devices AD9558 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 104 page
background image
Data Sheet
AD9558
Rev. A | Page 71 of 104
Reg
Addr
(Hex)
Opt
Name
D7
D6
D5
D4
D3
D2
D1
D0
Def
EEPROM Storage Sequence
0x0E10
E
EEPROM ID
Data: two bytes
01
0x0E11
E
Address: 0x0006
00
0x0E12
E
06
0x0E13
E
System
clock
Data: nine bytes
08
0x0E14
E
Address: 0x0100
01
0x0E15
E
00
0x0E16
E
I/O update
Action: I/O update
80
0x0E17
E
General
Data: 18 bytes
11
0x0E18
E
Address: 0x0200
02
0x0E19
E
00
0x0E1A
E
DPLL
Data: 47 bytes
2E
0x0E1B
E
Address: 0x0300
03
0x0E1C
E
00
0x0E1D
E
APLL
Data: nine bytes
08
0x0E1E
E
Address: 0x0400
04
0x0E1F
E
00
0x0E20
E
Clock dist
Data: 22 bytes
15
0x0E21
E
Address: 0x0500
05
0x0E22
E
00
0x0E23
E
I/O update
Action: I/O update
80
0x0E24
E
Reference
inputs
Data: four bytes
03
0x0E25
E
Address: 0x0600
06
0x0E26
E
00
0x0E27
E
Data: two bytes
01
0x0E28
E
Address: 0x0640
06
0x0E29
E
40
0x0E2A
E
Profile REFA
Data: 39 bytes
26
0x0E2B
E
Address: 0x0700
07
0x0E2C
E
00
0x0E2D
E
Profile REFB
Data: 39 bytes
26
0x0E2E
E
Address: 0x0740
07
0x0E2F
E
40
0x0E30
E
Profile REFC
Data: 39 bytes
26
0x0E31
E
Address: 0x0780
07
0x0E32
E
80
0x0E33
E
Profile REFD
Data: 39 bytes
26
0x0E34
E
Address: 0x07C0
07
0x0E35
E
C0
0x0E36
E
I/O update
Action: I/O update
80
0x0E37
E
Operational
controls
Data: 14 bytes
0D
0x0E38
E
Address: 0x0A00
0A
0x0E39
E
00
0x0E3A
E
Calibrate APLL
Action: calibrate output PLL
A0
0x0E3B
E
I/O update
Action: I/O update
80
0x0E3C
E
End of data
Action: End of data
FF
0x0E3D
to
0xE45
E
Unused
Unused
(available for additional EEPROM instructions)
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com