Electronic Components Datasheet Search
  English  ▼

X  

AD9558 Datasheet(PDF) 75 Page - Analog Devices

Part # AD9558
Description  Quad Input Multiservice Line Card Adaptive
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558 Datasheet(HTML) 75 Page - Analog Devices

Back Button AD9558 Datasheet HTML 71Page - Analog Devices AD9558 Datasheet HTML 72Page - Analog Devices AD9558 Datasheet HTML 73Page - Analog Devices AD9558 Datasheet HTML 74Page - Analog Devices AD9558 Datasheet HTML 75Page - Analog Devices AD9558 Datasheet HTML 76Page - Analog Devices AD9558 Datasheet HTML 77Page - Analog Devices AD9558 Datasheet HTML 78Page - Analog Devices AD9558 Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 104 page
background image
Data Sheet
AD9558
Rev. A | Page 75 of 104
IRQ MASK (REGISTER 0x020A TO REGISTER 0x020F)
The IRQ mask register bits form a one-to-one correspondence with the bits of the IRQ monitor register (0x0D02 to 0x0D09). When set to
Logic 1, the IRQ mask bits enable the corresponding IRQ monitor bits to indicate an IRQ event. The default for all IRQ mask bits is Logic 0,
which prevents the IRQ monitor from detecting any internal interrupts.
Table 48. IRQ Mask for SYSCLK
Address
Bits
Bit Name
Description
[7:6]
Reserved
Reserved
5
SYSCLK unlocked
Enables IRQ for indicating a SYSCLK PLL state transition from locked to unlocked
4
SYSCLK locked
Enables IRQ for indicating a SYSCLK PLL state transition from unlocked to locked
3
APLL unlocked
Enables IRQ for indicating an APLL state transition from locked to unlocked
2
APLL locked
Enables IRQ for indicating an APLL state transition from unlocked to locked
1
APLL cal complete
Enables IRQ for indicating that APLL (LCVCO) calibration has completed
0x020A
0
APLL cal started
Enables IRQ for indicating that APLL (LCVCO) calibration has begun
Table 49. IRQ Mask for Distribution Sync, Watchdog Timer, and EEPROM
Address
Bits
Bit Name
Description
[7:5]
Reserved
Reserved
4
Pin program end
Enables IRQ for indicating successful completion of a pin program ROM load
3
Sync distribution
Enables IRQ for indicating a distribution sync event
2
Watchdog timer
Enables IRQ for indicating expiration of the watchdog timer
1
EEPROM fault
Enables IRQ for indicating a fault during an EEPROM load or save operation
0x020B
0
EEPROM complete
Enables IRQ for indicating successful completion of an EEPROM load or save operation
Table 50. IRQ Mask for the Digital PLL
Address
Bits
Bit Name
Description
7
Switching
Enables IRQ for indicating that the DPLL is switching to a new reference
6
Closed
Enables IRQ for indicating that the DPLL has entered closed-loop operation
5
Freerun
Enables IRQ for indicating that the DPLL has entered free run mode
4
Holdover
Enables IRQ for indicating that the DPLL has entered holdover mode
3
Frequency unlocked
Enables IRQ for indicating that the DPLL lost frequency lock
2
Frequency locked
Enables IRQ for indicating that the DPLL has acquired frequency lock
1
Phase unlocked
Enables IRQ for indicating that the DPLL lost phase lock
0x020C
0
Phase locked
Enables IRQ for indicating that the DPLL has acquired phase lock
Table 51. IRQ Mask for History Update, Frequency Limit and Phase Slew Limit
Address
Bits
Bit Name
Description
[7:5]
Reserved
Reserved
4
History updated
Enables IRQ for indicating the occurrence of a tuning word history update
3
Frequency unclamped
Enables IRQ for indicating a frequency limit state transition from clamped to unclamped
2
Frequency clamped
Enables IRQ for indicating a state transition of the frequency limiter from unclamped to clamped
1
Phase slew unlimited
Enables IRQ for indicating a state transition of the phase slew limiter from slew limiting to not
slew limiting
0x020D
0
Phase slew limited
Enables IRQ for indicating a state transition of the phase slew limiter from not slew limiting to
slew limiting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com