Electronic Components Datasheet Search
  English  ▼

X  

AD9558 Datasheet(PDF) 87 Page - Analog Devices

Part # AD9558
Description  Quad Input Multiservice Line Card Adaptive
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558 Datasheet(HTML) 87 Page - Analog Devices

Back Button AD9558 Datasheet HTML 83Page - Analog Devices AD9558 Datasheet HTML 84Page - Analog Devices AD9558 Datasheet HTML 85Page - Analog Devices AD9558 Datasheet HTML 86Page - Analog Devices AD9558 Datasheet HTML 87Page - Analog Devices AD9558 Datasheet HTML 88Page - Analog Devices AD9558 Datasheet HTML 89Page - Analog Devices AD9558 Datasheet HTML 90Page - Analog Devices AD9558 Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 104 page
background image
Data Sheet
AD9558
Rev. A | Page 87 of 104
DPLL PROFILE REGISTERS (REGISTER 0x0700 TO REGISTER 0x07E6)
Note that the default values of the REFA and REFC profiles are as follows: input frequency=19.44 MHz, output frequency = 622.08 MHz/
155.52 MHz, loop bandwidth = 400 Hz, normal phase margin, inner tolerance = 5%, and outer tolerance = 10%.
The default values of the REFB and REFD profiles are as follows: input frequency = 8 kHz, output frequency = 622.08 MHz/155.52 MHz,
loop bandwidth = 100 Hz, normal phase margin, inner tolerance = 5%, and outer tolerance = 10%.
REFA Profile (Register 0x0700 to Register 0x0726)
Table 78. Reference Period—REFA Profile
Address
Bits
Bit Name
Description
0x0700
[7:0]
Nominal reference period bits[7:0] (default: 0xC9).
0x0701
[7:0]
Nominal reference period bits[15:8] (default: 0xEA).
0x0702
[7:0]
Nominal reference period bits[23:16] (default: 0x10).
0x0703
[7:0]
Nominal reference period bits[31:24] (default: 0x03).
0x0704
[7:0]
Nominal reference period (fs)
Nominal reference period bits[39:32] (default: 0x00).
Default for Register 0x0700 to Register 0x0704 = 0x000310EAC9 = 51.44 ns (1/19.44 MHz).
Table 79. Reference Period Tolerance—REFA Profile
Address
Bits
Bit Name
Description
0x0705
[7:0]
Input reference frequency monitor inner tolerance, Bits[7:0] (default: 0x14).
0x0706
[7:0]
Inner tolerance
Input reference frequency monitor inner tolerance, Bits[15:8] (default: 0x00).
[7:4]
Reserved
Default: 0x0.
0x0707
[3:0]
Inner tolerance
Input reference frequency monitor inner tolerance, Bits[19:16].
Default for Register 0x0705 to Register 0x707 = 0x000014 = 20 (5% or 50,000 ppm).
The Stratum 3 clock requires inner tolerance of ±9.2 ppm and outer tolerance of
±12 ppm; an SMC clock requires an outer tolerance of ±48 ppm.
The allowable range for the inner tolerance is 0x00A (10%) to 0x8FF (1 ppm).
The tolerance of the input frequency monitor is only as accurate as the system clock
frequency.
0x0708
[7:0]
Input reference frequency monitor outer tolerance, Bits[7:0] (default: 0x0A).
0x0709
[7:0]
Outer tolerance
Input reference frequency monitor outer tolerance, Bits[15:8] (default: 0x00).
[7:4]
Reserved
Reserved.
0x070A
[3:0]
Outer tolerance
Input reference frequency monitor outer tolerance, Bits[19:16].
Default for Register 0x0708 to Register 0x70A = 0x00000A = 10 (10% or 100,000 ppm).
The Stratum 3 clock requires an inner tolerance of ±9.2 ppm and outer tolerance of
±12 ppm; an SMC clock requires outer tolerance of ±48 ppm.
The outer tolerance register setting should always be smaller than the inner tolerance.
Table 80. Reference Validation Timer—REFA Profile
Address
Bits
Bit Name
Description
0x070B
[7:0]
Validation timer, Bits[7:0] (default: 0x0A).
This is the amount of time a reference input must be valid before it is declared valid by
the reference input monitor (default: 10 ms).
0x070C
[7:0]
Validation timer (ms)
Validation timer, Bits[15:8] (default: 0x00).
Table 81. Reserved Register
Address
Bits
Bit Name
Description
0x070D
[7:0]
Reserved
Reserved. Default: 0x00.
Table 82. DPLL Base Loop Filter Selection—REFA Profile
Address
Bits
Bit Name
Description
[7:1]
Reserved
Reserved. Default: 0x00.
0x070E
0
Sel high PM base loop filter
0 = base loop filter with normal (70°) phase margin (default).
1 = base loop filter with high (88.5°) phase margin.
(≤0.1 dB peaking in the closed-loop transfer function for loop BWs ≤ 2 kHz. Setting this
bit is also recommended for loop BW > 2kHz.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com