Electronic Components Datasheet Search
  English  ▼

X  

AD9558 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9558
Description  Quad Input Multiservice Line Card Adaptive
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558 Datasheet(HTML) 3 Page - Analog Devices

  AD9558 Datasheet HTML 1Page - Analog Devices AD9558 Datasheet HTML 2Page - Analog Devices AD9558 Datasheet HTML 3Page - Analog Devices AD9558 Datasheet HTML 4Page - Analog Devices AD9558 Datasheet HTML 5Page - Analog Devices AD9558 Datasheet HTML 6Page - Analog Devices AD9558 Datasheet HTML 7Page - Analog Devices AD9558 Datasheet HTML 8Page - Analog Devices AD9558 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 104 page
background image
Data Sheet
AD9558
Rev. A | Page 3 of 104
Register Map Bit Descriptions.......................................................72
 
Serial Port Configuration (Register 0x0000 to
Register 0x0005)..........................................................................72
 
Silicon Revision (Register 0x000A) ..........................................72
 
Clock Part Serial ID (Register 0x000C to Register 0x000D).72
 
System Clock (Register 0x0100 to Register 0x0108) ..............73
 
General Configuration (Register 0x0200 to
Register 0x0214)..........................................................................74
 
IRQ Mask (Register 0x020A to Register 0x020F)...................75
 
DPLL Configuration (Register 0x0300 to Register 0x032E) .76
 
Output PLL Configuration (Register 0x0400 to
Register 0x0408)..........................................................................79
 
Output Clock Distribution (Register 0x0500 to
Register 0x0515)..........................................................................81
 
Reference Inputs (Register 0x0500 to Register 0x0507) ........85
 
Frame Synchronization (Register 0x0640 to
Register 0x0641)..........................................................................86
 
DPLL Profile Registers (Register 0x0700 to
Register 0x07E6) .........................................................................87
 
Operational Controls (Register 0x0A00 to
Register 0x0A10).........................................................................89
 
Quick In/Out Frequency Soft Pin Configuration
(Register 0x0C00 to Register 0x0C08) .....................................92
 
Status ReadBack (Register 0x0D00 to Register 0x0D14).......93
 
EEPROM Control (Register 0x0E00 to Register 0x0E03) .....97
 
EEPROM Storage Sequences (Register 0x0E10 to
Register 0x0E3C).........................................................................98
 
Outline Dimensions......................................................................104
 
Ordering Guide .........................................................................104
 
REVISION HISTORY
4/12—Rev 0 to Rev. A
Changed 3 Hz to 352 kHz in Output Frequencies List Item,
Features Section................................................................................. 1
Change to Output Frequency Range Parameter, Min; and System
Clock Input Doubler Duty Cycle Parameter Description, Table 6... 6
Changes to Test Conditions/Comments Column, Table 9 .......... 8
Changes to Output Frequency Parameters, Min, Table 10 .......... 9
Changes to Pin 4 and Pin 42, Table 20 ......................................... 17
Changes to Device Register Programming When Using a
Register Setup File and Register Programming Overview
Sections............................................................................................. 26
Changed APLL VCO Lower Frequency and OUT5 Frequency
Range, Figure 35; Changed 225 MHz to 200 MHz and 3.45 GHz
to 3.35 GHz in Overview Section................................................... 29
Changes to Reference Profiles Section ......................................... 30
Changes to Programmable Digital Loop Filter Section ............. 32
Changes to System Clock Inputs Section..................................... 35
Changes to Output PLL (APLL) Section; Changes to Figure 39 .... 37
Changes to Figure 40; Changed 1024 to 1023 in Clock Dividers
Section; Changes to Clock Distribution Synchronization
Section .............................................................................................. 38
Changes to Multifunction Pins (M7 to M0) and IRQ Pin
Sections............................................................................................. 42
Changes to Figure 44 ...................................................................... 43
Changes to EEPROM Conditional Processing Section and
Figure 45............................................................................................ 46
Added Programming the EEPROM to Configure an M Pin
to Control Synchronization of Clock Distribution Section ......... 48
Changes to the Power Supply Partitions Section ........................ 58
Changed 89.5° to 88.5° in DPLL Phase Margin Section ............ 59
Changes to Address 0x0006, Address 0x0007, and
Address 0x000A, Table 35 .............................................................. 62
Changes to Address 0x0304, Table 35 .......................................... 63
Changes to Address 0x0405, Table 35 .......................................... 64
Changes to Address 0x071A and Address 0x071D, Table 35 .... 65
Changes to Address 0x0780, Address 0x0785 to
Address 0x078A, Address 0x079A, Address 0x079D, Table 35 ... 67
Changes to Address 0x07C0, Address 0x07DA, and
Address 0x07DD, Table 35............................................................. 68
Change to Address 0x0A01, Bit 7, Table 35................................. 69
Added Address 0x0E3D to Address 0x0E45, Table 35............... 71
Change to Table 38; Added Table 40, Renumbered Sequentially;
Changes to Table 41 ........................................................................ 72
Change to Bit 0, Address 0x0101, Table 43.................................. 73
Changes to Address 0x0304, Table 55 .......................................... 76
Deleted Address 0x0305, Table 55 ................................................ 76
Changes to Table Title, Table 63; Changes to Address 0x0400
and Address 0x0403, Table 64........................................................ 79
Changes to Address 0x0405, Table 64 .......................................... 80
Changes to Descriptions, Address 0x0500, Table 67.................. 81
Changes to Bit 0, Address 0x0501, Table 68 ................................ 82
Changes to Bits[6:4], Address 0x0505 and Changes to
Address 0x0506, Table 70............................................................... 83
Changes to Bits[6:4] and Bit 0, Address 0x050F, Table 73 ......... 84
Change to Address 0x0704, Table 78; Changes to Bits[3:0] in
Address 0x0707 and Address 070A, Table 79; and Changes to
Address 0x070E, Table 82................................................................ 87
Changes to Address 0x0710, Table 83; and Changes to Bits[3:0],
Address 0x0714, Table 84 ................................................................. 88
Changes to Bits[1:0], Address 0x0A01, Table 90........................... 89
Changes to Descriptions, Address 0x0A0B, Table 99................. 91
Changes to Bit 4, Address 0x0C06, Table 100 ............................. 93
Changes to Bit 6 and Bit 1, Address 0x0D01, Table 102 ............ 94
Changes to Table Summary, Table 114......................................... 98
Added Table 128............................................................................ 101
Changes to Table 129 .................................................................... 102
Changes to Table 130 .................................................................... 103
10/11—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com