Electronic Components Datasheet Search
  English  ▼

X  

AD9558 Datasheet(PDF) 98 Page - Analog Devices

Part # AD9558
Description  Quad Input Multiservice Line Card Adaptive
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558 Datasheet(HTML) 98 Page - Analog Devices

Back Button AD9558 Datasheet HTML 94Page - Analog Devices AD9558 Datasheet HTML 95Page - Analog Devices AD9558 Datasheet HTML 96Page - Analog Devices AD9558 Datasheet HTML 97Page - Analog Devices AD9558 Datasheet HTML 98Page - Analog Devices AD9558 Datasheet HTML 99Page - Analog Devices AD9558 Datasheet HTML 100Page - Analog Devices AD9558 Datasheet HTML 101Page - Analog Devices AD9558 Datasheet HTML 102Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 104 page
background image
AD9558
Data Sheet
Rev. A | Page 98 of 104
EEPROM STORAGE SEQUENCE (REGISTER 0x0E10 TO REGISTER 0x0E3C)
The default settings of Register 0x0E10 to Register 0x0E3C contain the default EEPROM instruction sequence. The tables in this section
provide descriptions of the register defaults, based on the assumption that the controller has been instructed to carry out an EEPROM
storage sequence in which all of the registers are stored and loaded by the EEPROM.
Table 114. EEPROM Storage Sequence for System Clock Settings
Address
Bits
Bit Name
Description
0x0E10
[7:0]
The default value of this register is 0x01, which the controller interprets as a data instruction. Its decimal
value is 1, so this tells the controller to transfer two bytes of data (1 + 1), beginning at the address that is
specified by the next two bytes. The controller stores 0x01 in the EEPROM and increments the EEPROM
address pointer.
0x0E11
[7:0]
0x0E12
[7:0]
EEPROM ID
The default value of these two registers is 0x0006. Note that Register 0x0E11 and Register 0x0E12 are
the most significant and least significant bytes of the target address, respectively. Because the previous
register contains a data instruction, these two registers define a starting address (in this case, 0x0006).
The controller stores 0x0006 in the EEPROM and increments the EEPROM pointer by 2. It then transfers
two bytes from the register map (beginning at Address 0x0006) to the EEPROM and increments the
EEPROM address pointer by 3 (two data bytes and one checksum byte). The two bytes transferred
correspond to the system clock parameters in the register map.
0x0E13
[7:0]
The default value of this register is 0x08, which the controller interprets as a data instruction. Its decimal
value is 8, so this tells the controller to transfer nine bytes of data (8 + 1), beginning at the address that
is specified by the next two bytes. The controller stores 0x08 in the EEPROM and increments the
EEPROM address pointer.
0x0E14
[7:0]
0x0E15
[7:0]
System clock
The default value of these two registers is 0x0100. Note that Register 0x0E14 and Register 0x0E15 are
the most significant and least significant bytes of the target address, respectively. Because the previous
register contains a data instruction, these two registers define a starting address (in this case, 0x0100).
The controller stores 0x0100 in the EEPROM and increments the EEPROM pointer by 2. It then transfers
nine bytes from the register map (beginning at Address 0x0100) to the EEPROM and increments the
EEPROM address pointer by 10 (nine data bytes and one checksum byte). The nine bytes transferred
correspond to the system clock parameters in the register map.
0x0E16
[7:0]
I/O update
The default value of this register is 0x80, which the controller interprets as an I/O update instruction.
The controller stores 0x80 in the EEPROM and increments the EEPROM address pointer.
Table 115. EEPROM Storage Sequence for General Configuration Settings
Address
Bits
Bit Name
Description
0x0E17
[7:0]
General
The default value of this register is 0x11, which the controller interprets as a data instruction. Its decimal
value is 17, which tells the controller to transfer 18 bytes of data (17 + 1), beginning at the address that
is specified by the next two bytes. The controller stores 0x11 in the EEPROM and increments the
EEPROM address pointer.
0x0E18
[7:0]
0x0E19
[7:0]
The default value of these two registers is 0x0200. Note that Register 0x0E18 and Register 0x0E19 are
the most significant and least significant bytes of the target address, respectively. Because the previous
register contains a data instruction, these two registers define a starting address (in this case, 0x0200).
The controller stores 0x0200 in the EEPROM and increments the EEPROM pointer by 2. It then transfers
18 bytes from the register map (beginning at Address 0x0200) to the EEPROM and increments the EEPROM
address pointer by 19 (18 data bytes and one checksum byte). The 18 bytes transferred correspond to
the general configuration parameters in the register map.
Table 116. EEPROM Storage Sequence for DPLL Settings
Address
Bits
Bit Name
Description
0x0E1A
[7:0]
DPLL
The default value of this register is 0x2E, which the controller interprets as a data instruction. Its decimal
value is 46, which tells the controller to transfer 47 bytes of data (46 + 1), beginning at the address that
is specified by the next two bytes. The controller stores 0x2E in the EEPROM and increments the EEPROM
address pointer.
0x0E1B
[7:0]
0x0E1C
[7:0]
The default value of these two registers is 0x03. Note that Register 0x0E1B and Register 0x0E1C are the
most significant and least significant bytes of the target address, respectively. Because the previous
register contains a data instruction, these two registers define a starting address (in this case, 0x0300).
The controller stores 0x0300 in the EEPROM and increments the EEPROM pointer by 2. It then transfers
47 bytes from the register map (beginning at Address 0x0300) to the EEPROM and increments the EEPROM
address pointer by 48 (47 data bytes and one checksum byte). The 47 bytes transferred correspond to
the DPLL parameters in the register map.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com