Electronic Components Datasheet Search
  English  ▼

X  

AD9558 Datasheet(PDF) 74 Page - Analog Devices

Part # AD9558
Description  Quad Input Multiservice Line Card Adaptive
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558 Datasheet(HTML) 74 Page - Analog Devices

Back Button AD9558 Datasheet HTML 70Page - Analog Devices AD9558 Datasheet HTML 71Page - Analog Devices AD9558 Datasheet HTML 72Page - Analog Devices AD9558 Datasheet HTML 73Page - Analog Devices AD9558 Datasheet HTML 74Page - Analog Devices AD9558 Datasheet HTML 75Page - Analog Devices AD9558 Datasheet HTML 76Page - Analog Devices AD9558 Datasheet HTML 77Page - Analog Devices AD9558 Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 104 page
background image
AD9558
Data Sheet
Rev. A | Page 74 of 104
GENERAL CONFIGURATION (REGISTER 0x0200 TO REGISTER 0x0214)
Multifunction Pin Control (M0 to M7) and IRQ Pin Control (Register 0x0200 to Register 0x0209)
Note that the default setting for the M0 to M5 multifunction pins and the IRQ is that of a 3-level logic input; M6 and M7 are unused inputs at
startup. After startup, M0 to M7 are 2-level inputs or 2-level outputs, based on the settings of Register 0x0200 to Register 0x0208. Setting
Bit 0 in Register 0x0200 to 1 enables M0 to M7 pin functionality.
Table 46. Multifunction Pin (M0 to M7) Control
Address
Bits
Bit Name
Description
[7:1]
Reserved
Reserved.
0x0200
0
Enable M pins and IRQ pin
function
0 (default) = disables the function of the M pins and IRQ pin control register (Address
0x0201 to Address 0x0209) and the M pins and IRQ pin are in 3-level logic input state.
1 = the M pins and IRQ pin are out of 3-level logic input state. Enables the function of the
M pins and IRQ pin control register (Address 0x0201 to Address 0x0209).
7
M0 output/input
In/out control for M0 pin.
0 = input (2-level logic control pin).
1 (default) = output (2-level logic status pin).
0x0201
[6:0]
M0 function
See Table 129 and Table 130. Default: 0xB0 = REFA valid.
7
M1 output/input
In/out control for M1 pin (same as M0).
0x0202
[6:0]
M1 function
See Table 129 and Table 130. Default: 0xB1 = REFB valid.
7
M2 output/input
In/out control for M2 pin (same as M0).
0x0203
[6:0]
M2 function
See Table 129 and Table 130. Default: 0xC0 = REFA active.
7
M3 output/input
In/out control for M3 pin (same as M0).
0x0204
[6:0]
M3 function
See Table 129 and Table 130. Default: 0xC1 = REFB active.
7
M4 output/input
In/out control for M3 pin (same as M0).
0x0205
[6:0]
M4 function
See Table 129 and Table 130. Default: 0xB2 = REFC valid.
7
M5 output/input
In/out control for M3 pin (same as M0).
0x0206
[6:0]
M5 function
See Table 129 and Table 130. Default: 0xB3 = REFD valid.
7
M6 output/input
In/out control for M3 pin (same as M0).
0x0207
[6:0]
M6 function
See Table 129 and Table 130. Default: 0xC2 = REFC active.
7
M7 output/input
In/out control for M3 pin (same as M0).
0x0208
[6:0]
M7 function
See Table 129 and Table 130. Default: 0xC3 = REFD active.
Table 47. IRQ Pin Output Mode
Address
Bits
Bit Name
Description
[7:5]
Reserved
Default: 000b
[4:3]
Status signal at IRQ pin
This selection is valid only when Address 0x0209[2] = 1
00 = DPLL phase locked
01 = DPLL frequency locked
10 = system clock PLL locked
11 (default) = (DPLL phase locked) AND (system clock PLL locked) AND (APLL locked)
2
Use IRQ pin for status signal
0 = uses IRQ pin to monitor IRQ event
1 (default) = uses IRQ pin to monitor internal status signals
0x0209
[1:0]
IRQ pin driver type
Select the output mode of the IRQ pin
00 = NMOS, open drain (requires an external pull-up resistor)
01 = PMOS, open drain (requires an external pull-down resistor)
10 = CMOS, active high
11 (default) = CMOS, active low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com