Electronic Components Datasheet Search
  English  ▼

X  

AD9558 Datasheet(PDF) 46 Page - Analog Devices

Part # AD9558
Description  Quad Input Multiservice Line Card Adaptive
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558 Datasheet(HTML) 46 Page - Analog Devices

Back Button AD9558 Datasheet HTML 42Page - Analog Devices AD9558 Datasheet HTML 43Page - Analog Devices AD9558 Datasheet HTML 44Page - Analog Devices AD9558 Datasheet HTML 45Page - Analog Devices AD9558 Datasheet HTML 46Page - Analog Devices AD9558 Datasheet HTML 47Page - Analog Devices AD9558 Datasheet HTML 48Page - Analog Devices AD9558 Datasheet HTML 49Page - Analog Devices AD9558 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 104 page
background image
AD9558
Data Sheet
Rev. A | Page 46 of 104
EEPROM Conditional Processing
The condition tag board is a table maintained by the EEPROM
controller. When the controller encounters a condition instruc-
tion, it decodes the B1 through CF instructions as Condition = 1
through Condition = 8, respectively, and tags that particular
condition in the condition tag board. However, the B0 condition
instruction decodes as the null condition, for which the controller
clears the condition tag board; and subsequent download
instructions execute unconditionally (until the controller
encounters a new condition instruction).
The condition instructions allow conditional execution of
EEPROM instructions during a download sequence. During
an upload sequence, however, they are stored as is and have
no effect on the upload process.
Note that, during EEPROM downloads, the condition instructions
themselves and the end instruction always execute unconditionally.
Conditional processing makes use of two elements: the condition
(from Condition 1 to Condition 8) and the condition tag board.
The relationships among the condition, the condition tag board,
and the EEPROM controller appear schematically in Figure 45.
During download, the EEPROM controller executes or skips
instructions depending on the value of the condition and the
contents of the condition tag board. Note, however, that the
condition instructions and the end instruction always execute
unconditionally during download. If condition = 0, then all
instructions during download execute unconditionally. If
Condition ≠ 0 and there are any tagged conditions in the condition
tag board, then the controller executes instructions only if the
condition is tagged. If the condition is not tagged, then the
controller skips instructions until it encounters a condition
instruction that decodes as a tagged condition. Note that the
condition tag board allows for multiple conditions to be tagged
at any given moment. This conditional processing mechanism
enables the user to have one download instruction sequence
with many possible outcomes depending on the value of the
condition and the order in which the controller encounters
condition instructions.
The condition is a 4-bit value with 16 possibilities. Condition = 0
is the null condition. When the null condition is in effect, the
EEPROM controller executes all instructions unconditionally.
Condition 9 through Condition 15 are not accessible using the
M pins. The remaining eight possibilities (that is, Condition = 1
through Condition = 8) modify the EEPROM controller’s
handling of a download sequence. The condition originates
from one of two sources (see Figure 45), as follows:
•
FncInit, Bits[3:0], which is the state of the M2 and M3
multifunction pins at power-up (see Table 22)
•
Register 0x0E01, Bits[3:0]
If Register 0x0E01, Bits[3:0] ≠ 0, then the condition is the value
that is stored in Register 0x0E01, Bits[3:0]; otherwise, the condition
is FncInit, Bits[3:0]. Note that a nonzero condition that is present
in Register 0x0E01, Bits[3:0] takes precedence over FncInit,
Bits[3:0].
EXAMPLE
CONDITION 3 AND
CONDITION 13
ARE TAGGED
EEPROM
EEPROM CONTROLLER
UPLOAD
PROCEDURE
CONDITION
HANDLER
DOWNLOAD
PROCEDURE
CONDITION
TAG BOARD
1
6
5
4
3
2
11
10
9
8
7
30
31
24
23
22
21
20
19
18
17
16
15
14
13
12
25
26
27
28
29
IF B1 ≤ INSTRUCTION ≤ CF,
THEN TAG DECODED CONDITION
EXECUTE/SKIP
INSTRUCTION(S)
SCRATCH
PAD
COND ITION
CONDITION = 0E01
, BITS[3:0]
ELSE
CONDITION = FncInit, BITS[3:0]
ENDIF
M3 AND M2 PINS
(3-LEVEL LOGIC)
IF INSTRUCTION = B0,
THEN CLEAR ALL TAGS
FncInit, BITS[3:0]
REGISTER
0x0E01, BITS[3:0]
STORE CONDITION
INSTRUCTIONS AS
THEY ARE READ FROM
THE SCRATCH PAD.
WATCH FOR
OCCURRENCE OF
CONDITION
INSTRUCTIONS
DURING
DOWNLOAD.
IF {NO TAGS} OR {CONDITION = 0}
EXECUTE INSTRUCTIONS
ELSE
IF {CONDITION IS TAGGED}
EXECUTE INSTRUCTIONS
ELSE
SKIP INSTRUCTIONS
ENDIF
ENDIF
4
4
4
IF {0E01, BITS[3:0] ≠ 0}
Figure 45. EEPROM Conditional Processing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com