Electronic Components Datasheet Search
  English  ▼

X  

AD9558 Datasheet(PDF) 34 Page - Analog Devices

Part # AD9558
Description  Quad Input Multiservice Line Card Adaptive
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9558 Datasheet HTML 30Page - Analog Devices AD9558 Datasheet HTML 31Page - Analog Devices AD9558 Datasheet HTML 32Page - Analog Devices AD9558 Datasheet HTML 33Page - Analog Devices AD9558 Datasheet HTML 34Page - Analog Devices AD9558 Datasheet HTML 35Page - Analog Devices AD9558 Datasheet HTML 36Page - Analog Devices AD9558 Datasheet HTML 37Page - Analog Devices AD9558 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 104 page
background image
AD9558
Data Sheet
Rev. A | Page 34 of 104
LOOP CONTROL STATE MACHINE
Switchover
Switchover occurs when the loop controller switches directly
from one input reference to another. The AD9558 handles a
reference switchover by briefly entering holdover mode, loading
the new DPLL parameters, and then immediately recovering.
During the switchover event, however, the AD9558 preserves
the status of the lock detectors to avoid phantom unlock
indications.
Holdover
The holdover state of the DPLL is typically used when none of
the input references are present, although the user can also
manually engage holdover mode. In holdover mode, the output
frequency remains constant. The accuracy of the AD9558 in
holdover mode is dependent on the device programming and
availability of tuning word history.
Recovery from Holdover
When in holdover mode and a valid reference becomes
available, the device exits holdover operation. The loop state
machine restores the DPLL to closed-loop operation, locks to
the selected reference, and sequences the recovery of all the
loop parameters based on the profile settings for the active
reference.
Note that, if the user holdover bit is set, the device does not
automatically exit holdover when a valid reference is available.
However, automatic recovery can occur after clearing the user
holdover bit (Bit 6 in Register 0x0A01).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com