Electronic Components Datasheet Search
  English  ▼

X  

AD9558 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9558
Description  Quad Input Multiservice Line Card Adaptive
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9558 Datasheet HTML 7Page - Analog Devices AD9558 Datasheet HTML 8Page - Analog Devices AD9558 Datasheet HTML 9Page - Analog Devices AD9558 Datasheet HTML 10Page - Analog Devices AD9558 Datasheet HTML 11Page - Analog Devices AD9558 Datasheet HTML 12Page - Analog Devices AD9558 Datasheet HTML 13Page - Analog Devices AD9558 Datasheet HTML 14Page - Analog Devices AD9558 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 104 page
background image
Data Sheet
AD9558
Rev. A | Page 11 of 104
DIGITAL PLL
Table 12.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DIGITAL PLL
Phase-Frequency Detector (PFD)
Input Frequency Range
2
100
kHz
Loop Bandwidth
0.1
2000
Hz
Programmable design parameter
Phase Margin
30
89
Degrees
Programmable design parameter
Closed-Loop Peaking
<0.1
dB
Programmable design parameter ;
part can be programmed for <0.1 dB peaking in
accordance with Telcordia GR-253 jitter transfer
Reference Input (R) Division Factor
1
220
1, 2, …, 1,048,576
Integer Feedback (N1) Division Factor
180
217
180, 181, …, 131,072
Fractional Feedback Divide Ratio
0
0.999
Maximum value: 16,777,215/16,777,216
DIGITAL PLL LOCK DETECTION
Table 13.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
PHASE LOCK DETECTOR
Threshold Programming Range
0.001
65.5
ns
Threshold Resolution
1
ps
FREQUENCY LOCK DETECTOR
Threshold Programming Range
0.001
16,700
ns
Reference-to-feedback period difference
Threshold Resolution
1
ps
HOLDOVER SPECIFICATIONS
Table 14.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
HOLDOVER SPECIFICATIONS
Initial Frequency Accuracy
<0.01
ppm
Excludes frequency drift of SYSCLK source;
excludes frequency drift of input reference prior
to entering holdover; compliant with GR-1244
Stratum 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com