Electronic Components Datasheet Search
  English  ▼

X  

AD9558 Datasheet(PDF) 77 Page - Analog Devices

Part # AD9558
Description  Quad Input Multiservice Line Card Adaptive
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558 Datasheet(HTML) 77 Page - Analog Devices

Back Button AD9558 Datasheet HTML 73Page - Analog Devices AD9558 Datasheet HTML 74Page - Analog Devices AD9558 Datasheet HTML 75Page - Analog Devices AD9558 Datasheet HTML 76Page - Analog Devices AD9558 Datasheet HTML 77Page - Analog Devices AD9558 Datasheet HTML 78Page - Analog Devices AD9558 Datasheet HTML 79Page - Analog Devices AD9558 Datasheet HTML 80Page - Analog Devices AD9558 Datasheet HTML 81Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 104 page
background image
Data Sheet
AD9558
Rev. A | Page 77 of 104
Table 57. Fixed Closed-Loop Phase Lock Offset
Address
Bits
Bit Name
Description
0x030C
[7:0]
Fixed phase lock offset, Bits[7:0].
Default: 0x00.
0x030D
[7:0]
Fixed phase lock offset, Bits[15:8].
Default 0x00.
0x030E
[7:0]
Fixed phase lock offset (signed; ps)
Fixed phase lock offset, Bits[23:16].
Default: 0x00.
0x030F
[7:6]
Reserved
Reserved; default: 0x0.
[5:0]
Fixed phase lock offset (signed; ps)
Fixed phase lock offset, Bits[29:24].
Default: 0x00.
Table 58. Incremental Closed-Loop Phase Lock Offset Step Size1
Address
Bits
Bit Name
Description
0x0310
[7:0]
Incremental phase lock offset step size, Bits[7:0].
Default: 0x00.
This controls the static phase offset of the DPLL while it is locked.
0x0311
[7:0]
Incremental phase lock offset
step size (ps)
Incremental phase lock offset step size, Bits[15:8].
Default: 0x00.
This controls the static phase offset of the DPLL while it is locked.
1 Note that the default incremental closed-loop phase lock offset step size value is 0x0000 = 0 (0 ns).
Table 59. Phase Slew Rate Limit
Address
Bits
Bit Name
Description
0x0312
[7:0]
Phase slew rate limit, Bits[7:0].
Default: 0x00.
This register controls the maximum allowable phase slewing during transients
and reference switching.
The default phase slew rate limit is 0, or disabled. Minimum useful value is 310 μs/sec.
0x0313
[7:0]
Phase slew rate limit (μs/sec)
Phase slew rate limit, Bits[15:8].
Default: 0x00.
Table 60. History Accumulation Timer
Address
Bits
Bit Name
Description
0x0314
[7:0]
History accumulation timer bits[7:0].
Default: 0x0A. For Register 0x0314 and Register 0x0315, 0x000A = 10 ms.
Maximum is 65 sec. This register controls the amount of tuning word averaging used
to determine the tuning word used in holdover. Never program a timer value of
zero. The default value is 0x000A = 10 decimal, which equates to 10 ms
0x0315
[7:0]
History accumulation timer (ms)
History accumulation timer bits[15:8].
Default: 0x00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com