Electronic Components Datasheet Search
  English  ▼

X  

AD9558 Datasheet(PDF) 64 Page - Analog Devices

Part # AD9558
Description  Quad Input Multiservice Line Card Adaptive
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558 Datasheet(HTML) 64 Page - Analog Devices

Back Button AD9558 Datasheet HTML 60Page - Analog Devices AD9558 Datasheet HTML 61Page - Analog Devices AD9558 Datasheet HTML 62Page - Analog Devices AD9558 Datasheet HTML 63Page - Analog Devices AD9558 Datasheet HTML 64Page - Analog Devices AD9558 Datasheet HTML 65Page - Analog Devices AD9558 Datasheet HTML 66Page - Analog Devices AD9558 Datasheet HTML 67Page - Analog Devices AD9558 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 104 page
background image
AD9558
Data Sheet
Rev. A | Page 64 of 104
Reg
Addr
(Hex)
Opt
Name
D7
D6
D5
D4
D3
D2
D1
D0
Def
0x0323
L
Base loop
Filter A
coefficient set
(normal phase
margin of 70º)
NPM Alpha-0[7:0]
24
0x0324
L
NPM Alpha-0[15:8]
8C
0x0325
L
Reserved
NPM Alpha-1[6:0]
49
0x0326
L
NPM Beta-0[7:0]
55
0x0327
L
NPM Beta-0[15:8]
C9
0x0328
L
Reserved
NPM Beta-1[6:0]
7B
0x0329
L
NPM Gamma-0[7:0]
9C
0x032A
L
NPM Gamma-0[15:8]
FA
0x032B
L
Reserved
NPM Gamma-1[6:0]
55
0x032C
L
NPM Delta-0[7:0]
EA
0x032D
L
NPM Delta-0[15:8]
E2
0x032E
L
Reserved
NPM Delta-1[6:0]
57
Output PLL (APLL)
0x0400
APLL charge
pump
Output PLL (APLL) charge pump[7:0]
81
0x0401
APLL N divider
Output PLL (APLL) feedback N divider[7:0]
14
0x0402
Reserved
00
0x0403
APLL loop
filter control
APLL loop filter control[7:0]
07
0x0404
Reserved
Bypass
internal Rzero
00
0x0405
APLL VCO
control
Reserved (default: 0x2)
APLL locked
controlled
sync disable
Reserved
Manual APLL
VCO (not
autoclearing)
20
0x0406
Reserved
00
0x0407
RF divider
RF Divider 2[3:0]
RF Divider 1[3:0]
44
0x0408
Reserved
RF divider
startup
mode
Reserved
PD RF Divider 2
PD RF Divider 1
02
Output Clock Distribution
0x0500
Distribution
output sync
Mask
Channel 3
sync
Mask
Channel 2
sync
Mask
Channel 1
sync
Mask
Channel 0
sync
Reserved
Sync
source
selection
Automatic sync mode
02
0x0501
Channel 0
Enable 3.3 V
CMOS driver
OUT0 format[2:0]
OUT0 polarity[1:0]
OUT0 drive
strength
Enable OUT0
10
0x0502
Channel 0 (M0) division ratio[7:0]
00
0x0503
Reserved
Channel 0 PD
Select RF
Divider 2
Channel 0 (M0) division ratio[9:8]
00
0x0504
Reserved
Channel 0 divider phase[5:0]
00
0x0505
Channel 1
Reserved
OUT1 format[2:0]
OUT1 polarity[1:0]
OUT1 drive
strength
Enable OUT1
10
0x0506
Reserved
OUT2 format[2:0]
OUT2 polarity[1:0]
OUT2 drive
strength
Enable OUT2
10
0x0507
Channel 1 (M1) division ratio[7:0]
03
0x0508
Reserved
Channel 1 PD
Select RF
Divider 2
Channel 1 (M1) division ratio[9:8]
00
0x0509
Reserved
Channel 1 divider phase[5:0]
00
0x050A
Channel 2
Reserved
OUT3 format[2:0]
OUT3 polarity[1:0]
OUT3 drive
strength
Enable OUT3
10
0x050B
Reserved
OUT4 format[2:0]
OUT4 polarity[1:0]
OUT4 drive
strength
Enable OUT4
10
0x050C
Channel 2 (M2) division ratio[7:0]
00
0x050D
Reserved
Channel 2 PD
Select RF
Divider 2
Channel 2 (M2) division ratio[9:8]
00
0x050E
Reserved
Channel 2 divider phase[5:0]
00
0x050F
Channel 3
Enable 3.3 V
CMOS driver
OUT5 format[2:0]
OUT5 polarity[1:0]
OUT5 drive
strength
Enable OUT5
10
0x0510
Channel 3, Divider 1 (M3) division ratio[7:0]
03
0x0511
Reserved
Channel 3, Divider 1 (M3)
division ratio[9:8]
00
0x0512
Channel 3, Divider 2 (M3b) division ratio[7:0]
00
0x0513
Reserved
Enable
Channel 3
doubler
Channnel 3
PD
Select RF
Divider 2
Channel 3, Divider 2 (M3b)
division ratio[9:8]
00
0x0514
Reserved
Channel 3, Divider 1 phase[5:0]
00
0x0515
Reserved
Channel 3, Divider 2 phase[5:0]
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com