Electronic Components Datasheet Search
  English  ▼

X  

AD9558 Datasheet(PDF) 86 Page - Analog Devices

Part # AD9558
Description  Quad Input Multiservice Line Card Adaptive
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558 Datasheet(HTML) 86 Page - Analog Devices

Back Button AD9558 Datasheet HTML 82Page - Analog Devices AD9558 Datasheet HTML 83Page - Analog Devices AD9558 Datasheet HTML 84Page - Analog Devices AD9558 Datasheet HTML 85Page - Analog Devices AD9558 Datasheet HTML 86Page - Analog Devices AD9558 Datasheet HTML 87Page - Analog Devices AD9558 Datasheet HTML 88Page - Analog Devices AD9558 Datasheet HTML 89Page - Analog Devices AD9558 Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 104 page
background image
AD9558
Data Sheet
Rev. A | Page 86 of 104
FRAME SYNCHRONIZATION (REGISTER 0x0640 TO REGISTER 0x0641)
Table 77. Frame Sync Setting
Address
Bit(s)
Bit Name
Description
[7:1]
Reserved
Reserved; default: 0x00.
0x0640
0
Enable Fsync
Enable frame synchronization.
0 (default) = frame synchronization disabled.
1 = frame synchronization enabled.
[7:4]
Reserved
Reserved; default: 0x00.
3
Validate Fsync ref
Setting this bit forces the reference validation logic to declare REFA valid only if the
REFB (the sync pulse) input is also valid. This bit can be thought as a logical AND of
REFA VALID and REFB VALID signals . If REFC is selected, this bit requires that REFD
(the sync pulse) input also be valid before declaring REFC valid.
0 (default) = only the selected reference input must be valid.
1 = the sync pulse input must also be valid to validate the selected input.
2
Fsync one shot
Selects one-shot or level-sensitve frame sync function.
0 (default) = use level-sensitive frame sync. Frame sync occurs on every edge of the
frame pulse.
1 = use one-shot frame sync. Frame sync occurs only on the first frame sync pulse
(on REFB or REFD). User must re-arm by raising the SYNC pin high and then low, or
by clearing and resetting the arm soft Fsync bit. As with all buffered regsiters, an
I/O update is required (Register 0x0005[0] = 0x01) after writing this register.
1
Fsync arm method
Selects which signal is used to arm the frame sync
0 (default) = use SYNC
pin.
1 = use arm soft Fsync (Register 0x0641[0]).
0x0641
0
Arm soft Fsync
Arms frame sync after I/O update. Next pulse on REFB or REFD is the sync pulse. The
Fsync arm method bit must also be set for this bit to take effect.
0 = (default); frame sync unarmed.
1 = frame sync armed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com