Electronic Components Datasheet Search
  English  ▼

X  

AD9558 Datasheet(PDF) 95 Page - Analog Devices

Part # AD9558
Description  Quad Input Multiservice Line Card Adaptive
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558 Datasheet(HTML) 95 Page - Analog Devices

Back Button AD9558 Datasheet HTML 91Page - Analog Devices AD9558 Datasheet HTML 92Page - Analog Devices AD9558 Datasheet HTML 93Page - Analog Devices AD9558 Datasheet HTML 94Page - Analog Devices AD9558 Datasheet HTML 95Page - Analog Devices AD9558 Datasheet HTML 96Page - Analog Devices AD9558 Datasheet HTML 97Page - Analog Devices AD9558 Datasheet HTML 98Page - Analog Devices AD9558 Datasheet HTML 99Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 104 page
background image
Data Sheet
AD9558
Rev. A | Page 95 of 104
Table 105. IRQ Monitor for the Digital PLL
Address
Bits
Bit Name
Description
7
Switching
Indicates that the DPLL is switching to a new reference
6
Closed
Indicates that the DPLL has entered closed-loop operation
5
Freerun
Indicates that the DPLL has entered free run mode
4
Holdover
Indicates that the DPLL has entered holdover mode
3
Frequency unlocked
Indicates that the DPLL has lost frequency lock
2
Frequency locked
Indicates that the DPLL has acquired frequency lock
1
Phase unlocked
Indicates that the DPLL has lost phase lock
0x0D04
0
Phase locked
Indicates that the DPLL has acquired phase lock
Table 106. IRQ Monitor for History Update, Frequency Limit, and Phase Slew Limit
Address
Bits
Bit Name
Description
[7:5]
Reserved
Reserved
4
History updated
Indicates the occurrence of a tuning word history update
3
Frequency unclamped
Indicates a frequency limiter state transition from clamped to unclamped
2
Frequency clamped
Indicates a frequency limiter state transition from unclamped to clamped
1
Phase slew unlimited
Indicates a phase slew limiter state transition from slew limiting to not slew limiting
0x0D05
0
Phase slew limited
Indicates a phase slew limiter state transition from not slew limiting to slew limiting
Table 107. IRQ Monitor for Reference Inputs
Address
Bits
Bit Name
Description
7
Reserved
Reserved
6
REFB validated
Indicates that REFB has been validated
5
REFB fault cleared
Indicates that REFB has been cleared of a previous fault
4
REFB fault
Indicates that REFB has been faulted
3
Reserved
Reserved
2
REFA validated
Indicates that REFA has been validated
1
REFA fault cleared
Indicates that REFA has been cleared of a previous fault
0x0D06
0
REFA fault
Indicates that REFA has been faulted
7
Reserved
Reserved
6
REFD validated
Indicates that REFD has been validated
5
REFD fault cleared
Indicates that REFD has been cleared of a previous fault
4
REFD fault
Indicates that REFD has been faulted
3
Reserved
2
REFC validated
Indicates that REFC has been validated
1
REFC fault cleared
Indicates that REFC has been cleared of a previous fault
0x0D07
0
REFC fault
Indicates that REFC has been faulted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com