Electronic Components Datasheet Search
  English  ▼

X  

AD9558 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9558
Description  Quad Input Multiservice Line Card Adaptive
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558 Datasheet(HTML) 1 Page - Analog Devices

  AD9558 Datasheet HTML 1Page - Analog Devices AD9558 Datasheet HTML 2Page - Analog Devices AD9558 Datasheet HTML 3Page - Analog Devices AD9558 Datasheet HTML 4Page - Analog Devices AD9558 Datasheet HTML 5Page - Analog Devices AD9558 Datasheet HTML 6Page - Analog Devices AD9558 Datasheet HTML 7Page - Analog Devices AD9558 Datasheet HTML 8Page - Analog Devices AD9558 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 104 page
background image
Quad Input Multiservice Line Card Adaptive
Clock Translator with Frame Sync
Data Sheet
AD9558
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011–2012 Analog Devices, Inc. All rights reserved.
FEATURES
Supports GR-1244 Stratum 3 stability in holdover mode
Supports smooth reference switchover with virtually
no disturbance on output phase
Supports Telcordia GR-253 jitter generation, transfer, and
tolerance for SONET/SDH up to OC-192 systems
Supports ITU-T G.8262 synchronous Ethernet slave clocks
Supports ITU-T G.823, G.824, G.825, and G.8261
Auto/manual holdover and reference switchover
4 reference inputs (single-ended or differential)
Input reference frequencies: 2 kHz to 1250 MHz
Reference validation and frequency monitoring (1 ppm)
Programmable input reference switchover priority
20-bit programmable input reference divider
6 pairs of clock output pins with each pair configurable as
a single differential LVDS/HSTL output or as 2 single-ended
CMOS outputs
Output frequencies: 352 Hz to 1250 MHz
Programmable 17-bit integer and 24-bit fractional
feedback divider in digital PLL
Programmable digital loop filter covering loop bandwidths
from 0.1 Hz to 5 kHz (2 kHz maximum for <0.1 dB of
peaking)
Low noise system clock multiplier
Frame sync support
Adaptive clocking
Optional crystal resonator for system clock input
On-chip EEPROM to store multiple power-up profiles
Pin program function for easy frequency translation
configuration
Software controlled power-down
64-lead, 9 mm × 9 mm, LFCSP package
APPLICATIONS
Network synchronization, including synchronous Ethernet
and SDH to OTN mapping/demapping
Cleanup of reference clock jitter
SONET/SDH clocks up to OC-192, including FEC
Stratum 3 holdover, jitter cleanup, and phase transient
control
Wireless base station controllers
Cable infrastructure
Data communications
GENERAL DESCRIPTION
The AD9558 is a low loop bandwidth clock multiplier that
provides jitter cleanup and synchronization for many systems,
including synchronous optical networks (SONET/SDH). The
AD9558 generates an output clock synchronized to up to four
external input references. The digital PLL allows for reduction
of input time jitter or phase noise associated with the external
references. The digitally controlled loop and holdover circuitry
of the AD9558 continuously generates a low jitter output clock
even when all reference inputs have failed.
The AD9558 operates over an industrial temperature range of
−40°C to +85°C. If a smaller package is required, refer to the
AD9557 for the two-input/two-output version of the same part.
FUNCTIONAL BLOCK DIAGRAM
REFERENCE INPUT
AND
MONITOR MUX
STATUS AND
CONTROL PINS
SERIAL INTERFACE
(SPI OR I2C)
EEPROM
DIGITAL
PLL
CLOCK
MULTIPLIER
STABLE
SOURCE
AD9558
ANALOG
PLL
FRAME SYNC
CHANNEL 1
DIVIDER
CHANNEL 2
DIVIDER
÷3 TO ÷11
HF DIVIDER 0
÷3 TO ÷11
HF DIVIDER 1
CHANNEL 0
DIVIDER
CHANNEL 3
DIVIDER
Figure 1.


Similar Part No. - AD9558

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9558 AD-AD9558 Datasheet
1Mb / 105P
Quad Input Multiservice Line Card Adaptive Clock Translator with Frame Sync
7/2016-Rev. B to Rev. C
AD9558BCPZ AD-AD9558BCPZ Datasheet
1Mb / 105P
Quad Input Multiservice Line Card Adaptive Clock Translator with Frame Sync
7/2016-Rev. B to Rev. C
AD9558BCPZ-REEL7 AD-AD9558BCPZ-REEL7 Datasheet
1Mb / 105P
Quad Input Multiservice Line Card Adaptive Clock Translator with Frame Sync
7/2016-Rev. B to Rev. C
AD9558 AD-AD9558_16 Datasheet
1Mb / 105P
Quad Input Multiservice Line Card Adaptive Clock Translator with Frame Sync
7/2016-Rev. B to Rev. C
More results

Similar Description - AD9558

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TP11362A NSC-TP11362A Datasheet
442Kb / 16P
Quad Adaptive Differential PCM Processor
logo
Fuji Electric
FW4560 FUJI-FW4560 Datasheet
308Kb / 2P
Multiservice Provisioning Platform
logo
KODENSHI_AUK CORP.
KK74128 KODENSHI-KK74128 Datasheet
185Kb / 3P
QUAD 2-INPUT NOR LINE DRIVER
logo
IK Semicon Co., Ltd
IN74128 IKSEMICON-IN74128 Datasheet
173Kb / 3P
QUAD 2-INPUT NOR LINE DRIVER
logo
Analog Devices
AD9557 AD-AD9557 Datasheet
1Mb / 92P
Dual Input Multiservice
REV. A
AD9559BCPZ AD-AD9559BCPZ Datasheet
1Mb / 120P
Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
REV. 0
AD9554 AD-AD9554 Datasheet
1Mb / 116P
Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
3/2017-Rev. C to Rev. D
AD9554-1 AD-AD9554-1 Datasheet
927Kb / 99P
Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
3/2017-Rev. B to Rev. C
AD9557 AD-AD9557_16 Datasheet
1Mb / 95P
Dual Input Multiservice Line Card Adaptive Clock Translator
9/2016-Rev. B to Rev. C
AD9558 AD-AD9558_16 Datasheet
1Mb / 105P
Quad Input Multiservice Line Card Adaptive Clock Translator with Frame Sync
7/2016-Rev. B to Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com