Electronic Components Datasheet Search
  English  ▼

X  

AD9558 Datasheet(PDF) 99 Page - Analog Devices

Part # AD9558
Description  Quad Input Multiservice Line Card Adaptive
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558 Datasheet(HTML) 99 Page - Analog Devices

Back Button AD9558 Datasheet HTML 95Page - Analog Devices AD9558 Datasheet HTML 96Page - Analog Devices AD9558 Datasheet HTML 97Page - Analog Devices AD9558 Datasheet HTML 98Page - Analog Devices AD9558 Datasheet HTML 99Page - Analog Devices AD9558 Datasheet HTML 100Page - Analog Devices AD9558 Datasheet HTML 101Page - Analog Devices AD9558 Datasheet HTML 102Page - Analog Devices AD9558 Datasheet HTML 103Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 104 page
background image
Data Sheet
AD9558
Rev. A | Page 99 of 104
Table 117. EEPROM Storage Sequence for Output PLL Settings
Address
Bits
Bit Name
Description
0x0E1D
[7:0]
APLL
The default value of this register is 0x08, which the controller interprets as a data instruction. Its
decimal value is 8, which tells the controller to transfer nine bytes of data (8 + 1), beginning at the
address that is specified by the next two bytes. The controller stores 0x08 in the EEPROM and
increments the EEPROM address pointer.
0x0E1E
[7:0]
0x0E1F
[7:0]
The default value of these two registers is 0x0400. Note that Register 0x0E1E and Register 0x0E1F
are the most significant and least significant bytes of the target address, respectively. Because the
previous register contains a data instruction, these two registers define a starting address (in this
case, 0x0400). The controller stores 0x0400 in the EEPROM and increments the EEPROM pointer by 2.
It then transfers nine bytes from the register map (beginning at Address 0x0400) to the EEPROM
and increments the EEPROM address pointer by 10 (nine data bytes and one checksum byte). The
nine bytes transferred correspond to APLL parameters in the register map.
Table 118. EEPROM Storage Sequence for Clock Distribution Settings
Address
Bits
Bit Name
Description
0x0E20
[7:0]
Clock distribution
The default value of this register is 0x15, which the controller interprets as a data instruction. Its
decimal value is 21, which tells the controller to transfer 22 bytes of data (21+1), beginning at the
address that is specified by the next two bytes. The controller stores 0x15 in the EEPROM and
increments the EEPROM address pointer.
0x0E21
[7:0]
0x0E22
[7:0]
The default value of these two registers is 0x0500. Note that Register 0x0E21 and Register 0x0E22
are the most significant and least significant bytes of the target address, respectively. Because the
previous register contains a data instruction, these two registers define a starting address (in this
case, 0x0500). The controller stores 0x0500 in the EEPROM and increments the EEPROM pointer by 2.
It then transfers 22 bytes from the register map (beginning at Address 0x0500) to the EEPROM and
increments the EEPROM address pointer by 23 (22 data bytes and one checksum byte). The
22 bytes transferred correspond to the clock distribution parameters in the register map.
0x0E23
[7:0]
I/O update
The default value of this register is 0x80, which the controller interprets as an I/O update
instruction. The controller stores 0x80 in the EEPROM and increments the EEPROM address
pointer.
Table 119. EEPROM Storage Sequence for Reference Input Settings
Address
Bits
Bit Name
Description
0x0E24
[7:0]
Reference inputs
The default value of this register is 0x03, which the controller interprets as a data instruction. Its
decimal value is 3, so this tells the controller to transfer four bytes of data (3 + 1), beginning at the
address that is specified by the next two bytes. The controller stores 0x03 in the EEPROM and
increments the EEPROM address pointer.
0x0E25
[7:0]
0x0E26
[7:0]
The default value of these two registers is 0x0600. Note that Register 0x0E25 and Register 0x0E26
are the most significant and least significant bytes of the target address, respectively. Because the
previous register contains a data instruction, these two registers define a starting address (in this
case, 0x0600). The controller stores 0x0600 in the EEPROM and increments the EEPROM pointer by 2.
It then transfers four bytes from the register map (beginning at Address 0x0600) to the EEPROM
and increments the EEPROM address pointer by 5 (four data bytes and one checksum byte). The
four bytes that are transferred correspond to the reference inputs parameters in the register map.
Table 120. EEPROM Storage Sequence for Frame Sync Settings
Address
Bit
Bit Name
Description
0x0E27
[7:0]
Frame sync
The default value of this register is 0x01, which the controller interprets as a data instruction. Its
decimal value is 1, which tells the controller to transfer two bytes of data (1 + 1), beginning at the
address specified by the next two bytes. The controller stores 0x01 in the EEPROM and increments
the EEPROM address pointer.
0x0E28
[7:0]
0x0E29
[7:0]
The default value of these two registers is 0x0640. Note that Register 0x0E28 and Register 0x0E29
are the most significant and least significant bytes of the target address, respectively. Because the
previous register contains a data instruction, these two registers define a starting address (in this
case, 0x0640). The controller stores 0x0640 in the EEPROM and increments the EEPROM pointer by 2.
It then transfers two bytes from the register map (beginning at Address 0x0640) to the EEPROM
and increments the EEPROM address pointer by 3 (two data bytes and one checksum byte). The
two bytes transferred correspond to the reference inputs parameters in the register map.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com