Electronic Components Datasheet Search
  English  ▼

X  

AD9558 Datasheet(PDF) 103 Page - Analog Devices

Part # AD9558
Description  Quad Input Multiservice Line Card Adaptive
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558 Datasheet(HTML) 103 Page - Analog Devices

Back Button AD9558 Datasheet HTML 96Page - Analog Devices AD9558 Datasheet HTML 97Page - Analog Devices AD9558 Datasheet HTML 98Page - Analog Devices AD9558 Datasheet HTML 99Page - Analog Devices AD9558 Datasheet HTML 100Page - Analog Devices AD9558 Datasheet HTML 101Page - Analog Devices AD9558 Datasheet HTML 102Page - Analog Devices AD9558 Datasheet HTML 103Page - Analog Devices AD9558 Datasheet HTML 104Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 103 / 104 page
background image
Data Sheet
AD9558
Rev. A | Page 103 of 104
Table 130. Multifunction Pin Input Functions (D7 = 0)
Register Value
Input Function
Equivalent Control Register
0x00
Reserved, high-Z input
0x01
I/O update
Register 0x0005, Bit 0
0x02
Full power-down
Register 0x0A00, Bit 0
0x03
Clear watchdog
Register 0x0A03, Bit 0
0x04
Clear all IRQs
Register 0x0A03, Bit 1
0x05
Tuning word history reset
Register 0x0A03, Bit 2
0x06 to 0x0E
Reserved
0x10
User holdover
Register 0x0A01, Bit 6
0x11
User free run
Register 0x0A01, Bit 5
0x12
Reset incremental phase offset
Register 0x0A0A, Bit 2
0x13
Increment incremental phase offset
Register 0x0A0A, Bit 0
0x14
Decrement incremental phase offset
Register 0x0A0A, Bit 1
0x15 to 0x1F
Reserved
0x20
Override Reference Monitor A
Register 0x0A0C, Bit 0
0x21
Override Reference Monitor B
Register 0x0A0C, Bit 1
0x22
Override Reference Monitor C
Register 0x0A0C, Bit 2
0x23
Override Reference Monitor D
Register 0x0A0C, Bit 3
0x24 to 0x2F
Reserved
0x30
Force Validation Timeout A
Register 0x0A0B, Bit 0
0x31
Force Validation Timeout B
Register 0x0A0B, Bit 1
0x32
Force Validation Timeout C
Register 0x0A0B, Bit 2
0x33
Force Validation Timeout D
Register 0x0A0B, Bit 3
0x34 to 0x3F
Reserved
0x40
Enable OUT0
Register 0x0501, Bit 0
0x41
Enable OUT1
Register 0x0505, Bit 0
0x42
Enable OUT2
Register 0x0506, Bit 0
0x43
Enable OUT3
Register 0x050A, Bit 0
0x44
Enable OUT4
Register 0x050B, Bit 0
0x45
Enable OUT5
Register 0x050F, Bit 0
0x46
Enable OUT0, OUT1, OUT2, OUT3, OUT4, OUT5
Register 0x0501/0x0505/0x0506/0x050A/0x050B/0x050F, Bit 0
0x47
Soft sync clock distribution outputs
Register 0x0A02, Bit 1
0x48 to 0x7F
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com