Electronic Components Datasheet Search
  English  ▼

X  

AD9558 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9558
Description  Quad Input Multiservice Line Card Adaptive
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9558 Datasheet HTML 13Page - Analog Devices AD9558 Datasheet HTML 14Page - Analog Devices AD9558 Datasheet HTML 15Page - Analog Devices AD9558 Datasheet HTML 16Page - Analog Devices AD9558 Datasheet HTML 17Page - Analog Devices AD9558 Datasheet HTML 18Page - Analog Devices AD9558 Datasheet HTML 19Page - Analog Devices AD9558 Datasheet HTML 20Page - Analog Devices AD9558 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 104 page
background image
Data Sheet
AD9558
Rev. A | Page 17 of 104
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
2. THE EXPOSED PAD MUST BE CONNECTED TO GROUND (VSS).
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
IRQ
SCLK/SCL
SDIO/SDA
SDO
CS
DVDD
AVDD
XOA
XOB
AVDD
NC
AVDD
OUT4
OUT4
OUT3
OUT3
REFC
REFC
DVDD3
DVDD3
REFA
REFA
SYNC
M7
PINCONTROL
RESET
AVDD
AVDD
NC
AVDD
NC
LF_VCO2
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
AD9558
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
Figure 2. Pin Configuration
Table 20. Pin Function Descriptions
Pin No.
Mnemonic
Input/
Output
Pin Type
Description
1
IRQ
O
3.3 V CMOS
Interrupt Request Line.
2
SCLK/SCL
I
3.3 V CMOS
Serial Programming Clock (SCLK) in SPI Mode. Data clock for serial programming.
Open-Collector Serial Clock Pin (SCL) in I2C Mode. Requires a pull-up resistor, usually
2.2 kΩ; the resistor size depends on the number of I2C devices on the bus.
3
SDIO/SDA
I/O
3.3 V CMOS
Serial Data Input/Output (SDIO) in SPI Mode. When the device is in 4-wire SPI mode,
data is written via this pin. In 3-wire SPI mode, both data reads and writes occur on
this pin. There is no internal pull-up/pull-down resistor on this pin.
Open-Collector Serial Data Pin (SDA) in I2C Mode. Requires a pull-up resistor, usually
2.2 kΩ; the resistor size depends on the number of I2C devices on the bus.
4
SDO
O
3.3 V CMOS
Serial Data Output. Use this pin to read data in 4-wire mode. There is no internal pull-up/
pull-down resistor on this pin. This pin is high impedance in the default 3-wire mode.
5
CS
I
3.3 V CMOS
Chip Select (SPI), Active Low. When programming a device, this pin must be held low.
In systems where more than one AD9558 is present, this pin enables individual
programming of each AD9558. This pin has an internal 10 kΩ pull-up resistor.
6, 55, 56
DVDD
I
Power
1.8 V Digital Supply.
7
AVDD
I
Power
1.8 V Analog (SYSCLK) Power Supply.
8
XOA
I
Differential
input
System Clock Input. XOA contains internal dc biasing and should be ac-coupled with
a 0.01 μF capacitor, except when using a crystal. If a crystal is used, connect the crystal
across XOA and XOB. Single-ended 1.8 V CMOS is also an option but can introduce
a spur if the duty cycle is not 50%. When using XOA as a single-ended input, connect
a 0.01 μF capacitor from XOB to ground.
9
XOB
I
Differential
input
Complementary System Clock Input. Complementary signal to XOA. XOB contains
internal dc biasing and should be ac-coupled with a 0.01 μF capacitor, except when
using a crystal. If a crystal is used, connect the crystal across XOA and XOB.
10
AVDD
I
Power
1.8 V Analog (VCO) Power Supply.
11
NC
I
No Connection. Do not connect to this pin.
12, 17,
22, 29,
30
AVDD
I
Power
1.8 V Analog (Output Driver) Power Supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com