Electronic Components Datasheet Search
  English  ▼

X  

AD9558 Datasheet(PDF) 78 Page - Analog Devices

Part # AD9558
Description  Quad Input Multiservice Line Card Adaptive
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558 Datasheet(HTML) 78 Page - Analog Devices

Back Button AD9558 Datasheet HTML 74Page - Analog Devices AD9558 Datasheet HTML 75Page - Analog Devices AD9558 Datasheet HTML 76Page - Analog Devices AD9558 Datasheet HTML 77Page - Analog Devices AD9558 Datasheet HTML 78Page - Analog Devices AD9558 Datasheet HTML 79Page - Analog Devices AD9558 Datasheet HTML 80Page - Analog Devices AD9558 Datasheet HTML 81Page - Analog Devices AD9558 Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 104 page
background image
AD9558
Data Sheet
Rev. A | Page 78 of 104
Table 61. History Mode
Address
Bits
Bit Name
Description
0x0316
[7:5]
Reserved
Reserved.
4
Single sample fallback
Controls holdover history. If tuning word history is not available for the reference
that was active just prior to holdover, then:
0 (default) = uses the free run frequency tuning word register value.
1 = uses the last tuning word from the DPLL.
3
Persistent history
Controls holdover history initialization. When switching to a new reference:
0 (default) = clears the tuning word history.
1 = retain the previous tuning word history.
[2:0]
Incremental average
History mode value from 0 to 7 (default: 0).
When set to non-zero, causes the first history accumulation to update prior to the
first complete averaging period. After the first full interval, updates occur only at the
full period.
0 (default) = update only after the full interval has elapsed.
1 = update at 1/2 the full interval.
2 = update at 1/4 and 1/2 of the full interval.
3 = update at 1/8, 1/4, and 1/2 of the full interval.
...
7 = update at 1/256, 1/128, 1/64, 1/32, 1/16, 1/8, 1/4, and 1/2 of the full interval.
Table 62. Base Digital Loop Filter with High Phase Margin (PM = 88.5°, BW = 0.1 Hz, Third Pole Frequency = 10 Hz, N1 = 1)1
Address
Bits
Bit Name
Description
0x0317
[7:0]
HPM Alpha-0 linear
Alpha-0 coefficient linear bits[7:0]. Default: 0x8C
0x0318
[7:0]
Alpha-0 coefficient linear bits[15:8]
0x0319
7
Reserved
Reserved
[6:0]
HPM Alpha-1 exponent
Alpha-1 coefficient exponent bits[6:0]
0x031A
[7:0]
HPM Beta-0 linear
Beta-0 coefficient linear bits[7:0]
0x031B
[7:0]
Beta-0 coefficient linear bits[15:8]
0x031C
7
Reserved
Reserved
[6:0]
HPM Beta-1 exponent
Beta-1 coefficient exponent bits[6:0]
0x031D
[7:0]
HPM Gamma-0 linear
Gamma-0 coefficient linear bits[7:0]
0x031E
[7:0]
Gamma-0 coefficient linear bits[15:8]
0x031F
7
Reserved
Reserved
[6:0]
HPM Gamma-1 exponent
Gamma-1 coefficient exponent bits[6:0]
0x0320
[7:0]
HPM Delta-0 linear
Delta-0 coefficient linear bits[7:0]
0x0321
[7:0]
Delta-0 coefficient linear bits[15:8]
0x0322
7
Reserved
Reserved
[6:0]
HPM Delta-1 exponent
Delta-1 coefficient exponent bits[6:0]
1 Note that the base digital loop filter coefficients (α, β, γ, and δ) have the following general form: x(2y), where x is the linear component and y is the exponential
component of the coefficient. The value of the linear component (x) constitutes a fraction, where 0 ≤ x ≤ 1. The exponential component (y) is a signed integer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com