Electronic Components Datasheet Search
  English  ▼

X  

AD9558 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9558
Description  Quad Input Multiservice Line Card Adaptive
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9558 Datasheet HTML 19Page - Analog Devices AD9558 Datasheet HTML 20Page - Analog Devices AD9558 Datasheet HTML 21Page - Analog Devices AD9558 Datasheet HTML 22Page - Analog Devices AD9558 Datasheet HTML 23Page - Analog Devices AD9558 Datasheet HTML 24Page - Analog Devices AD9558 Datasheet HTML 25Page - Analog Devices AD9558 Datasheet HTML 26Page - Analog Devices AD9558 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 104 page
background image
Data Sheet
AD9558
Rev. A | Page 23 of 104
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
10
20
304050607080
FREQUENCY (MHz)
Figure 19. Amplitude vs. Toggle Rate with 10 pF Load,
3.3 V (Weak Mode) CMOS
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
105
110
0
250
500
750
1000
1250
FREQUENCY (MHz)
OUTPUT CHANNEL 0 OR 3:
HSTL DRIVER ENABLED
OUTPUT CHANNEL 1 OR 2:
ONE HSTL DRIVER ENABLED
OUTPUT CHANNEL 1 OR 2:
BOTH HSTL DRIVERS ENABLED
Figure 20. Power Consumption vs. Frequency,
HSTL Mode (Single Channel) on 1.8 V Output Driver Power Supply Only
(Pin 12, Pin 17, Pin 22, and Pin29)
0
5
10
15
20
25
30
35
40
45
50
55
60
65
0
100
200
300
400
500
600
700
800
FREQUENCY (MHz)
OUTPUT CHANNEL 0 OR 3:
LVDS DRIVER ENABLED
OUTPUT CHANNEL 1 OR 2:
ONE LVDS DRIVER ENABLED
OUTPUT CHANNEL 1 OR 2:
BOTH LVDS DRIVERS ENABLED
Figure 21. LVDS Power Consumption vs. Frequency on 1.8 V Output Driver
Power Supply Only (Pin 12, Pin 17, Pin 22, and Pin 29)
0
10
20
30
40
50
60
70
0
50
100
150
200
FREQUENCY (MHz)
1.8V CMOS MODE
3.3V CMOS STRONG MODE
3.3V CMOS WEAK MODE
Figure 22. Power Consumption vs. Frequency, One CMOS Driver on Output
Driver Power Supply Only (Pin 12, Pin 17, Pin 22, and Pin 29) for 1.8 V CMOS Mode,
or on Pin 25 and Pin 26 for 3.3 V CMOS Mode
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
–1
01234
5
TIME (ns)
Figure 23. Output Waveform, HSTL (400 MHz)
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
–1
0
1234
TIME (ns)
Figure 24. Output Waveform, LVDS (400 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com