Electronic Components Datasheet Search
  English  ▼

X  

AD9558 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9558
Description  Quad Input Multiservice Line Card Adaptive
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9558 Datasheet HTML 10Page - Analog Devices AD9558 Datasheet HTML 11Page - Analog Devices AD9558 Datasheet HTML 12Page - Analog Devices AD9558 Datasheet HTML 13Page - Analog Devices AD9558 Datasheet HTML 14Page - Analog Devices AD9558 Datasheet HTML 15Page - Analog Devices AD9558 Datasheet HTML 16Page - Analog Devices AD9558 Datasheet HTML 17Page - Analog Devices AD9558 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 104 page
background image
AD9558
Data Sheet
Rev. A | Page 14 of 104
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
fREF = 19.44 MHz; fOUT = 644.53 MHz; fLOOP = 50 Hz
HSTL and/or LVDS Driver
Bandwidth: 5 kHz to 20 MHz
334
fs rms
Bandwidth: 12 kHz to 20 MHz
321
fs rms
Bandwidth: 20 kHz to 80 MHz
319
fs rms
Bandwidth: 50 kHz to 80 MHz
277
fs rms
Bandwidth: 16 MHz to 320 MHz
185
fs rms
fREF = 19.44 MHz; fOUT = 693.48 MHz; fLOOP = 50 Hz
HSTL Driver
Bandwidth: 5 kHz to 20 MHz
298
fs rms
Bandwidth: 12 kHz to 20 MHz
285
fs rms
Bandwidth: 20 kHz to 80 MHz
286
fs rms
Bandwidth: 50 kHz to 80 MHz
252
fs rms
Bandwidth: 16 MHz to 320 MHz
183
fs rms
fREF = 19.44 MHz; fOUT = 174.703 MHz; fLOOP = 1 kHz
HSTL Driver
Bandwidth: 5 kHz to 20 MHz
354
fs rms
Bandwidth: 12 kHz to 20 MHz
301
fs rms
Bandwidth: 20 kHz to 80 MHz
321
fs rms
Bandwidth: 50 kHz to 80 MHz
290
fs rms
Bandwidth: 4 MHz to 80 MHz
177
fs rms
fREF = 19.44 MHz; fOUT = 174.703 MHz; fLOOP = 100 Hz
LVDS and/or 3.3 V CMOS Driver
Bandwidth: 5 kHz to 20 MHz
306
fs rms
Bandwidth: 12 kHz to 20 MHz
293
fs rms
Bandwidth: 20 kHz to 80 MHz
313
fs rms
Bandwidth: 50 kHz to 80 MHz
283
fs rms
Bandwidth: 4 MHz to 80 MHz
166
fs rms
fREF = 25 MHz; fOUT = 161.1328 MHz; fLOOP = 100 Hz
HSTL Driver
Bandwidth: 5 kHz to 20 MHz
316
fs rms
Bandwidth: 12 kHz to 20 MHz
302
fs rms
Bandwidth: 20 kHz to 80 MHz
324
fs rms
Bandwidth: 50 kHz to 80 MHz
292
fs rms
Bandwidth: 4 MHz to 80 MHz
171
fs rms
fREF = 2 kHz; fOUT = 70.656 MHz; fLOOP = 100 Hz;
HSTL and/or 3.3 V CMOS Driver
Bandwidth: 10 Hz to 30 MHz
3.22
ps
rms
Bandwidth: 5 kHz to 20 MHz
338
fs rms
Bandwidth: 12 kHz to 20 MHz
324
fs rms
Bandwidth: 10 kHz to 400 kHz
278
fs rms
Bandwidth: 100 kHz to 10 MHz
210
fs rms
fREF = 25 MHz; fOUT = 1 GHz; fLOOP = 500 Hz
HSTL Driver
Bandwidth: 100 Hz to 500 MHz (Broadband)
1.71
ps
rms
Bandwidth: 12 kHz to 20 MHz
343
fs rms
Bandwidth: 20 kHz to 80 MHz
338
fs rms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com