Electronic Components Datasheet Search
  English  ▼

X  

AD9558 Datasheet(PDF) 83 Page - Analog Devices

Part # AD9558
Description  Quad Input Multiservice Line Card Adaptive
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558 Datasheet(HTML) 83 Page - Analog Devices

Back Button AD9558 Datasheet HTML 79Page - Analog Devices AD9558 Datasheet HTML 80Page - Analog Devices AD9558 Datasheet HTML 81Page - Analog Devices AD9558 Datasheet HTML 82Page - Analog Devices AD9558 Datasheet HTML 83Page - Analog Devices AD9558 Datasheet HTML 84Page - Analog Devices AD9558 Datasheet HTML 85Page - Analog Devices AD9558 Datasheet HTML 86Page - Analog Devices AD9558 Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 104 page
background image
Data Sheet
AD9558
Rev. A | Page 83 of 104
Table 70. Distribution OUT1 Setting
Address
Bits
Bit Name
Description
7
Reserved
Reserved; default: 0b
[6:4]
OUT1 format
Select the operating mode of OUT1
000 = PD, tristate
001 (default) = HSTL
010 = LVDS
011 = reserved
100 = CMOS, both outputs active
101 = CMOS, P output active, N output power-down
110 = CMOS, N output active, P output power-down
111 = reserved
[3:2]
OUT1 polarity
Configure the OUT1 polarity in CMOS mode and are active in CMOS mode only
00 (default) = positive, negative
01 = positive, positive
10 = negative, positive
11 = negative, negative
1
OUT1 drive strength
Controls the output drive capability of OUT1
0 (default) = LVDS: 3.5 mA nominal
1 = LVDS: 4.5 mA nominal (LVDS boost mode)
No CMOS control because OUT1 is 1.8 V CMOS only
0x0505
0
Enable OUT1
Setting this bit enables the OUT1 driver (default is disabled)
7
Reserved
Reserved; default: 0b
[6:4]
OUT2 format
Select the operating mode of OUT2
000 = PD, tristate
001 (default) = HSTL
010 = LVDS
011 = reserved
100 = CMOS, both outputs active
101 = CMOS, P output active, N output power-down
110 = CMOS, N output active, P output power-down
111 = reserved
[3:2]
OUT2 polarity
Configure the OUT2 polarity in CMOS mode and are active in CMOS mode only
00 (default) = positive, negative
01 = positive, positive
10 = negative, positive
11 = negative, negative
1
OUT2 drive strength
Controls the output drive capability of OUT2
0 (default) = LVDS: 3.5 mA nominal
1 = LVDS: 4.5 mA nominal (LVDS boost mode)
No CMOS control because OUT2 is 1.8 V CMOS only
0x0506
0
Enable OUT2
Setting this bit enables the OUT2 driver (default is disabled)
Table 71. Distribution Channel 1 Divider Setting
Address
Bits
Bit Name
Description
0x0507
[7:0]
Channel 1 divider
The same control for Channel 1 divider as in Register 0x0502 for Channel 0 divider
0x0508
[7:0]
Channel 1 divider
The same control for Channel 1 divider as in Register 0x0503 for Channel 0 divider
0x0509
[7:0]
Channel 1 divider
The same control for Channel 1 divider as in Register 0x0504 for Channel 0 divider
Table 72. Clock Distribution Channel 2 and OUT3, OUT4 Driver Settings
Address
Bits
Bit Name
Description
0x050A
[7:0]
OUT3
The same control for OUT3 as in Register 0x0505 for OUT1
0x050B
[7:0]
OUT4
The same control for OUT4 as in Register 0x0505 for OUT1
0x050C
[7:0]
Channel 2 divider
The same control for Channel 2 divider as in Register 0x0502 for Channel 0 divider
0x050D
[7:0]
Channel 2 divider
The same control for Channel 2 divider as in Register 0x0503 for Channel 0 divider
0x050E
[7:0]
Channel 2 divider
The same control for Channel 2 divider as in Register 0x0504 for Channel 0 divider



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com