Electronic Components Datasheet Search
  English  ▼

X  

AD9558 Datasheet(PDF) 96 Page - Analog Devices

Part # AD9558
Description  Quad Input Multiservice Line Card Adaptive
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558 Datasheet(HTML) 96 Page - Analog Devices

Back Button AD9558 Datasheet HTML 92Page - Analog Devices AD9558 Datasheet HTML 93Page - Analog Devices AD9558 Datasheet HTML 94Page - Analog Devices AD9558 Datasheet HTML 95Page - Analog Devices AD9558 Datasheet HTML 96Page - Analog Devices AD9558 Datasheet HTML 97Page - Analog Devices AD9558 Datasheet HTML 98Page - Analog Devices AD9558 Datasheet HTML 99Page - Analog Devices AD9558 Datasheet HTML 100Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 104 page
background image
AD9558
Data Sheet
Rev. A | Page 96 of 104
DPLL Status, Input Reference Status, Holdover History, and DPLL Lock Detect Tub Levels (Register 0x0D08 to Register 0x0D14)
Table 108. DPLL Status1
Address
Bits
Bit Name
Description
7
Reserved
Reserved
6
Offset slew limiting
The current closed-loop phase offset is rate limited
5
Frequency lock
The DPLL has achieved frequency lock
4
Phase lock
The DPLL has achieved phase lock
3
Loop switching
The DPLL is in the process of a reference switchover
2
Holdover
The DPLL is in holdover mode
1
Active
The DPLL is active (that is, operating in a closed-loop condition)
0x0D08
0
Freerun
The DPLL is free run (that is, operating in an open-loop condition)
0x0D09
[7:6]
Reserved
Default: 0b
5
Frequency clamped
The upper or lower frequency tuning word clamp is in effect
4
History available
There is sufficient tuning word history available for holdover operation
[3:2]
Active reference priority
Priority value of the currently active reference
00 = highest priority
…
11 = lowest priority
[1:0]
Current active reference
Index of the currently active reference
00 = Reference A
01 = Reference B
10 = Reference C
11 = Reference D
1 Note that the user must issue an I/O update by writing 0x01 to Register 0x0005 to update the status of these registers.
Table 109. Reserved Register
Address
Bits
Bit Name
Description
0x0D0A
[7:0]
Reserved
Reserved.
Table 110. Input Reference Status1
Address
Bits
Bit Name
Description
7
B valid
REFB is valid for use. (It is unfaulted, and its validation timer has expired.)
6
B fault
REFB is not valid for use.
5
B fast
This bit indicates that the frequency of REFB is higher than allowed by its profile settings.
4
B slow
This bit indicates that the frequency of REFB is lower than allowed by its profile settings.
3
A valid
REFA is valid for use. (It is unfaulted, and its validation timer has expired.)
2
A fault
REFA is not valid for use.
1
A fast
This bit indicates that the frequency of REFA is higher than allowed by its profile settings.
0x0D0B
0
A slow
This bit indicates that the frequency of REFA is lower than allowed by its profile settings.
[7:4]
Same as Register 0xDOB[7:4] but for REFD instead of REFB .
0x0D0C
[3:0]
Same as Register 0xDOB[3:0] but for REFC instead of REFA.
1 Note that the user must issue an I/O update by writing 0x01 to Register 0x0005 to update the status of these registers.
Table 111. Holdover History1
Address
Bits
Bit Name
Description
0x0D0D
[7:0]
Tuning word readback bits[7:0]
0x0D0E
[7:0]
Holdover history
Tuning word readback bits[15:8]
0x0D0F
[7:0]
Tuning word readback bits[23:9]
0x0D10
[7:0]
Tuning word readback bits[29:24]
1 Note that these registers contain the current 30-bit DCO frequency tuning word generated by the tuning word history logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com