Electronic Components Datasheet Search
  English  ▼

X  

AD9558 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9558
Description  Quad Input Multiservice Line Card Adaptive
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9558 Datasheet HTML 21Page - Analog Devices AD9558 Datasheet HTML 22Page - Analog Devices AD9558 Datasheet HTML 23Page - Analog Devices AD9558 Datasheet HTML 24Page - Analog Devices AD9558 Datasheet HTML 25Page - Analog Devices AD9558 Datasheet HTML 26Page - Analog Devices AD9558 Datasheet HTML 27Page - Analog Devices AD9558 Datasheet HTML 28Page - Analog Devices AD9558 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 104 page
background image
Data Sheet
AD9558
Rev. A | Page 25 of 104
INPUT/OUTPUT TERMINATION RECOMMENDATIONS
AD9557/
AD9558
HSTL OR
LVDS
DOWNSTREAM
DEVICE
WITH HIGH
IMPEDANCE
INPUT AND
INTERNAL
DC BIAS
0.1µF
0.1µF
100Ω
Figure 30. AC-Coupled LVDS or HSTL Output Driver
(100 Ω resistor can go on either side of decoupling capacitors and should be
as close as possible to the destination receiver.)
AD9557/
AD9558
HSTL OR
LVDS
Z0 = 50Ω
Z0 = 50Ω
SINGLE-ENDED
(NOT COUPLED)
LVDS OR 1.8V HSTL
HIGH IMPEDANCE
DIFFERENTIAL
RECEIVER
100Ω
Figure 31. DC-Coupled LVDS or HSTL Output Driver
SINGLE-ENDED
(NOT COUPLED)
VS = 3.3V
3.3V
LVPECL
82Ω
82Ω
127Ω
127Ω
0.1µF
0.1µF
AD9557/
AD9558
1.8V
HSTL
Z0 = 50Ω
Z0 = 50Ω
Figure 32. Interfacing the HSTL Driver to a 3.3 V LVPECL Input
(This method incorporates impedance matching and dc biasing for bipolar
LVPECL receivers. If the receiver is self-biased, the termination scheme shown
in Figure 30 is recommended.)
XOA
XOB
AD9557/
AD9558
10MHz TO 50MHz FUNDAMENTAL
AT CUT CRYSTAL WITH
10pF LOAD CAPACITANCE
10pF
10pF
Figure 33. System Clock Input (XOA, XOB) in Crystal Mode
(The recommended CLOAD = 10 pF is shown. The values of the 10 pF shunt
capacitors shown here should equal the CLOAD of the crystal.)
XOA
300Ω
150Ω
0.1µF
XOB
AD9557/
AD9558
3.3V
CMOS
TCXO
0.1µF
Figure 34. System Clock Input (XOA, XOB) When Using a TCXO/OCXO with
3.3 V CMOS Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com