Electronic Components Datasheet Search
  English  ▼

X  

AD9558 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9558
Description  Quad Input Multiservice Line Card Adaptive
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9558 Datasheet HTML 20Page - Analog Devices AD9558 Datasheet HTML 21Page - Analog Devices AD9558 Datasheet HTML 22Page - Analog Devices AD9558 Datasheet HTML 23Page - Analog Devices AD9558 Datasheet HTML 24Page - Analog Devices AD9558 Datasheet HTML 25Page - Analog Devices AD9558 Datasheet HTML 26Page - Analog Devices AD9558 Datasheet HTML 27Page - Analog Devices AD9558 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 104 page
background image
AD9558
Data Sheet
Rev. A | Page 24 of 104
–30
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
3
10
100
1k
10k
100k
LOOP BW = 100Hz;
HIGH PHASE MARGIN;
PEAKING: 0.06dB; –3dB: 69Hz
LOOP BW = 2kHz;
HIGH PHASE MARGIN;
PEAKING: 0.097dB; –3dB: 1.23kHz
LOOP BW = 5kHz;
HIGH PHASE MARGIN;
PEAKING: 0.14dB; –3dB: 4.27kHz
FREQUENCY OFFSET (Hz)
–0.2
0.2
0.6
1.0
1.4
1.8
2.2
2.6
3.0
3.4
–1
012
3456
789 10 11 12 13 14 15
TIME (ns)
10pF LOAD
2pF LOAD
Figure 25. Output Waveform,
3.3 V CMOS (100 MHz, Strong Mode)
Figure 28. Closed-Loop Transfer Function for 100 Hz, 2 kHz, and 5 kHz Loop
Bandwidth Settings; High Phase Margin Loop Filter Setting
(This is compliant with Telcordia GR-253 jitter transfer test for loop
bandwidths < 2 kHz.)
–1
012
3456
789 10 11 12 13 14 15
TIME (ns)
–0.1
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
10pF LOAD
2pF LOAD
–30
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
3
10
100
1k
FREQUENCY OFFSET (Hz)
10k
100k
LOOP BW = 100Hz;
NORMAL PHASE MARGIN;
PEAKING: 0.09dB; –3dB: 117Hz
LOOP BW = 2kHz;
NORMAL PHASE MARGIN;
PEAKING: 1.6dB; –3dB: 2.69kHz
Figure 26. Output Waveform, 1.8 V CMOS (100 MHz)
Figure 29. Closed-Loop Transfer Function for 100 Hz and 2 kHz Loop
Bandwidth Settings; Normal Phase Margin Loop Filter Setting
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
–5
5
15
25354555
65758595
TIME (ns)
10pF LOAD
2pF LOAD
Figure 27. Output Waveform, 3.3 V CMOS (20 MHz, Weak Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com