Electronic Components Datasheet Search
  English  ▼

X  

AD9558 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9558
Description  Quad Input Multiservice Line Card Adaptive
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9558 Datasheet HTML 18Page - Analog Devices AD9558 Datasheet HTML 19Page - Analog Devices AD9558 Datasheet HTML 20Page - Analog Devices AD9558 Datasheet HTML 21Page - Analog Devices AD9558 Datasheet HTML 22Page - Analog Devices AD9558 Datasheet HTML 23Page - Analog Devices AD9558 Datasheet HTML 24Page - Analog Devices AD9558 Datasheet HTML 25Page - Analog Devices AD9558 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 104 page
background image
AD9558
Data Sheet
Rev. A | Page 22 of 104
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
1k
10
100
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
INTEGRATED RMS JITTER (12kHz TO 20MHz): 391fs
Figure 13. Absolute Phase Noise (Output Driver = 3.3 V CMOS),
fR = 19.44 MHz, fOUT =161.1328125 MHz,
DPLL Loop BW = 0.1 Hz, fSYS = 19.2 MHz TCXO
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
1k
10
100
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
INTEGRATED RMS JITTER (12kHz TO 20MHz): 395fs
Figure 14. Absolute Phase Noise (Output Driver = 1.8 V CMOS),
fR = 2 kHz, fOUT = 70.656 MHz,
DPLL Loop BW = 0.1 Hz, fSYS = 19.2 MHz TCXO
1k
10
100
10k
100k
1M
10M
100M
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
FREQUENCY OFFSET (Hz)
INTEGRATED RMS JITTER (12kHz TO 20MHz): 388fs
Figure 15. Absolute Phase Noise (Output Driver = HSTL),
fR = 19.44 MHz, fOUT = 644.53 MHz, fSYS = 19.2 MHz TCXO
Holdover Mode
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
FREQUENCY (MHz)
Figure 16. Amplitude vs. Toggle Rate,
HSTL Mode (LVPECL-Compatible Mode)
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
100
200
300
400
500
600
700
800
FREQUENCY (MHz)
LVDS BOOST MODE
LVDS DEFAULT
Figure 17. Amplitude vs. Toggle Rate, LVDS
1.0
1.5
2.0
2.5
3.0
3.5
0
50
100
150
200
250
300
FREQUENCY (MHz)
3.3V CMOS
1.8V CMOS
Figure 18. Amplitude vs. Toggle Rate with 10 pF Load,
3.3 V (Strong Mode) and 1.8 V CMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com