Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 25Page - National Semiconductor (TI) GX1 Datasheet HTML 26Page - National Semiconductor (TI) GX1 Datasheet HTML 27Page - National Semiconductor (TI) GX1 Datasheet HTML 28Page - National Semiconductor (TI) GX1 Datasheet HTML 29Page - National Semiconductor (TI) GX1 Datasheet HTML 30Page - National Semiconductor (TI) GX1 Datasheet HTML 31Page - National Semiconductor (TI) GX1 Datasheet HTML 32Page - National Semiconductor (TI) GX1 Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 247 page
background image
Revision 1.0
29
www.national.co
Signal Definitions (Continued)
Table 2-5. 320 SPGA Pin Assignments - Sorted Alphabetically by Signal Name
Signal Name
Type
Pin. No.1
AD0
I/O
C27
AD1
I/O
B30
AD2
I/O
A27
AD3
I/O
B26
AD4
I/O
C25
AD5
I/O
E23
AD6
I/O
B24
AD7
I/O
D22
AD8
I/O
A23
AD9
I/O
B22
AD10
I/O
C21
AD11
I/O
A21
AD12
I/O
D20
AD13
I/O
B20
AD14
I/O
D18
AD15
I/O
E17
AD16
I/O
A11
AD17
I/O
D12
AD18
I/O
C11
AD19
I/O
B10
AD20
I/O
D10
AD21
I/O
B8
AD22
I/O
D8
AD23
I/O
C7
AD24
I/O
D6
AD25
I/O
A5
AD26
I/O
C5
AD27
I/O
B4
AD28
I/O
E5
AD29
I/O
D4
AD30
I/O
D2
AD31
I/O
C3
BA0
O
AK36
BA1
O
AJ33
CASA#
O
W37
CASB#
O
X36
C/BE0#
I/O
E21
C/BE1#
I/O
B18
C/BE2#
I/O
B12
C/BE3#
I/O
B6
CKEA
O
AL33
CKEB
O
AN23
CLKMODE0
I
S1
CLKMODE1
I
R2
CLKMODE2
I
G3
CRT_HSYNC
O
AD2
CRT_VSYNC
O
AH2
CS0#
O
AA35
CS1#
O
AN33
CS2#
O
Z34
CS3#
O
AK32
DCLK
I
AD4
DEVSEL#
s/t/s
E15 (PU)
DQM0
O
X34
DQM1
O
Y33
DQM2
O
AM32
DQM3
O
AK30
DQM4
O
Y37
DQM5
O
Z36
DQM6
O
AL31
DQM7
O
AM30
ENA_DISP
O
AM6
FLT#
I
AJ3
FP_HSYNC
O
R4
FP_VSYNC
O
P2
FRAME#
s/t/s
C13 (PU)
GNT0#
O
F2
GNT1#
O
K4
GNT2#
O
H2
INTR
I
D24
IRDY#
s/t/s
D14 (PU)
IRQ13
O
C31
LOCK#
s/t/s
B16 (PU)
MA0
O
AD36
MA1
O
AE37
MA2
O
AD34
MA3
O
AF36
MA4
O
AF34
MA5
O
AG35
MA6
O
AH36
MA7
O
AJ37
MA8
O
AH34
MA9
O
AJ35
MA10
O
AH32
MA11
O
AL35
MA12
O
AM34
MD0
I/O
D30
MD1
I/O
C33
MD2
I/O
B36
MD3
I/O
D34
MD4
I/O
E33
MD5
I/O
F34
MD6
I/O
H34
MD7
I/O
J37
MD8
I/O
K36
MD9
I/O
M36
MD10
I/O
P34
MD11
I/O
Q33
MD12
I/O
R36
MD13
I/O
S35
MD14
I/O
S33
MD15
I/O
T34
MD16
I/O
AK28
MD17
I/O
AN27
MD18
I/O
AM26
MD19
I/O
AL25
Signal Name
Type
Pin. No.1
MD20
I/O
AK24
MD21
I/O
AK22
MD22
I/O
AJ21
MD23
I/O
AL21
MD24
I/O
AM20
MD25
I/O
AM18
MD26
I/O
AN17
MD27
I/O
AK16
MD28
I/O
AN15
MD29
I/O
AK14
MD30
I/O
AM12
MD31
I/O
AJ11
MD32
I/O
D32
MD33
I/O
B34
MD34
I/O
C35
MD35
I/O
D36
MD36
I/O
E35
MD37
I/O
G35
MD38
I/O
H36
MD39
I/O
K34
MD40
I/O
M34
MD41
I/O
N35
MD42
I/O
P36
MD43
I/O
Q37
MD44
I/O
R34
MD45
I/O
S37
MD46
I/O
T36
MD47
I/O
V36
MD48
I/O
AM28
MD49
I/O
AL27
MD50
I/O
AK26
MD51
I/O
AM24
MD52
I/O
AJ23
MD53
I/O
AM22
MD54
I/O
AN21
MD55
I/O
AK20
MD56
I/O
AK18
MD57
I/O
AJ17
MD58
I/O
AL17
MD59
I/O
AM16
MD60
I/O
AJ15
MD61
I/O
AM14
MD62
I/O
AN11
MD63
I/O
AM10
NC
--
E37
NC
--
F36
NC
--
Q5
NC
--
X2
NC
--
Z2
NC
--
AM36
PAR
I/O
C17
PCLK
O
AJ1
PERR#
s/t/s
D16 (PU)
Signal Name
Type
Pin. No.1
PIXEL0
O
S5
PIXEL1
O
T2
PIXEL2
O
T4
PIXEL3
O
V2
PIXEL4
O
W5
PIXEL5
O
W3
PIXEL6
O
W1
PIXEL7
O
Y5
PIXEL8
O
Y1
PIXEL9
O
X4
PIXEL10
O
Z4
PIXEL11
O
AA3
PIXEL12
O
AB2
PIXEL13
O
AB4
PIXEL14
O
AE1
PIXEL15
O
AF2
PIXEL16
O
AF4
PIXEL17
O
AG3
RASA#
O
AB36
RASB#
O
AB34
REQ0#
I
E1 (PU)
REQ1#
I
K2 (PU)
REQ2#
I
E3 (PU)
RESET
I
M2
RW_CLK
O
AL11
SDCLK_IN
I
AK12
SDCLK_OUT
O
AL13
SDCLK0
O
AK8
SDCLK1
O
AL7
SDCLK2
O
AK10
SDCLK3
O
AM8
SERIALP
O
Q1
SERR#
OD
A17 (PU)
SMI#
I
B28
STOP#
s/t/s
A15 (PU)
SUSP#
I
M4 (PU)
SUSPA#
O
H4
SYSCLK
I
V34
TCLK
I
P4 (PU)
TDI
I
F4 (PU)
TDN
O
E37
TDO
O
J1
TDP
O
F36
TEST
I
J5 (PD)
TEST0
O
A33
TEST1
O
D26
TEST2
O
B32
TEST3
O
D28
TDN
O
E37
TDP
O
F36
TMS
I
N3 (PU)
TRDY#
s/t/s
B14 (PU)
VCC2
PWR
A9
Signal Name
Type
Pin. No.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com