Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 49 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 49 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 45Page - National Semiconductor (TI) GX1 Datasheet HTML 46Page - National Semiconductor (TI) GX1 Datasheet HTML 47Page - National Semiconductor (TI) GX1 Datasheet HTML 48Page - National Semiconductor (TI) GX1 Datasheet HTML 49Page - National Semiconductor (TI) GX1 Datasheet HTML 50Page - National Semiconductor (TI) GX1 Datasheet HTML 51Page - National Semiconductor (TI) GX1 Datasheet HTML 52Page - National Semiconductor (TI) GX1 Datasheet HTML 53Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 247 page
background image
Revision 1.0
49
www.national.com
Processor Programming (Continued)
CR2 Register
Control Register 2 (R/W)
31:0
PFLA
Page Fault Linear Address: With paging enabled and after a page fault, PFLA contains the linear address of the
address that caused the page fault.
CR1 Register
Control Register 1 (R/W)
31:0
RSVD
Reserved
CR0 Register
Control Register 0 (R/W)
31
PG
Paging Enable Bit: If PG = 1 and protected mode is enabled (PE = 1), paging is enabled. After changing the state
of PG, software must execute an unconditional branch instruction (e.g., JMP, CALL) to have the change take effect.
30
CD
Cache Disable: If CD = 1, no further cache line fills occur. However, data already present in the cache continues to
be used if the requested address hits in the cache. Writes continue to update the cache and cache invalidations
due to inquiry cycles occur normally. The cache must also be invalidated with a WBINVD instruction to completely
disable any cache activity.
29
NW
Not Write-Through: If NW = 1, the on-chip cache operates in write-back mode. In write-back mode, writes are
issued to the external bus only for a cache miss, a line replacement of a modified line, execution of a locked instruc-
tion, or a line eviction as the result of a flush cycle. If NW = 0, the on-chip cache operates in write-through mode. In
write-through mode, all writes (including cache hits) are issued to the external bus. This bit cannot be changed if
LOCK_NW = 1 in CCR2.
28:19
RSVD
Reserved
18
AM
Alignment Check Mask: If AM = 1, the AC bit in the EFLAGS register is unmasked and allowed to enable align-
ment check faults. Setting AM = 0 prevents AC faults from occurring.
17
RSVD
Reserved
16
WP
Write Protect: Protects read-only pages from supervisor write access. WP = 0 allows a read-only page to be writ-
ten from privilege level 0-2. WP = 1 forces a fault on a write to a read-only page from any privilege level.
15:6
RSVD
Reserved
5NE
Numerics Exception: NE = 1 to allow FPU exceptions to be handled by interrupt 16. NE = 0 if FPU exceptions are
to be handled by external interrupts.
4RSVD
Reserved: Do not attempt to modify, always 1.
3TS
Task Switched: Set whenever a task switch operation is performed. Execution of a floating point instruction with
TS = 1 causes a DNA fault. If MP = 1 and TS = 1, a WAIT instruction also causes a DNA fault.
2EM
Emulate Processor Extension: If EM = 1, all floating point instructions cause a DNA fault 7.
1MP
Monitor Processor Extension: If MP = 1 and TS = 1, a WAIT instruction causes Device Not Available (DNA) fault
7. The TS bit is set to 1 on task switches by the CPU. Floating point instructions are not affected by the state of the
MP bit. The MP bit should be set to one during normal operations.
0PE
Protected Mode Enable: Enables the segment based protection mechanism. If PE = 1, protected mode is
enabled. If PE = 0, the CPU operates in real mode and addresses are formed as in an 8086-style CPU. Refer to
Section 3.9 “Protection” on page 91.
Table 3-7. CR4-CR0 Bit Definitions (Continued)
Bit
Name
Description
Table 3-8. Effects of Various Combinations of EM, TS, and MP Bits
CR0[3:1]
Instruction Type
TS
EM
MP
WAIT
ESC
0
0
0
Execute
Execute
0
0
1
Execute
Execute
1
0
0
Execute
Fault 7
1
0
1
Fault 7
Fault 7
0
1
0
Execute
Fault 7
0
1
1
Execute
Fault 7
1
1
0
Execute
Fault 7
1
1
1
Fault 7
Fault 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com