Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 10Page - National Semiconductor (TI) GX1 Datasheet HTML 11Page - National Semiconductor (TI) GX1 Datasheet HTML 12Page - National Semiconductor (TI) GX1 Datasheet HTML 13Page - National Semiconductor (TI) GX1 Datasheet HTML 14Page - National Semiconductor (TI) GX1 Datasheet HTML 15Page - National Semiconductor (TI) GX1 Datasheet HTML 16Page - National Semiconductor (TI) GX1 Datasheet HTML 17Page - National Semiconductor (TI) GX1 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 247 page
background image
www.national.com
14
Revision 1.0
Architecture Overview (Continued)
.
Figure 1-3. Geode™ CS9211 Interface System Diagram
Figure 1-4. Geode™ GX1/CS5530 Signal Connections
MemData
Addr & Control
21
16
LCD Power
3
Control
Panel Timing
4
24
Panel Data
DSTN/TFT
Pixel Port
18
Serial
4
Pixel Data
LCD
18
CS9211
Graphics
DRAM/SDRAM
256Kx16
GX1
Configuration
CS5530 I/O
Companion
Companion
Processor
Geode™
Geode™
Geode™
Video Port (YUV)
8
Timing Control 4
SYSCLK
SERIALP
IRQ13
SMI#
PCLK
CRT_HSYNC
CRT_VSYNC
PIXEL[17:0]
FP_HSYNC
FP_VSYNC
ENA_DISP
VID_VAL
VID_CLK
VID_DATA[7:0]
VID_RDY
INTR
SUSP#
SUSPA#
AD[31:0]
C/BE[3:0]#
PAR
FRAME#
IRDY#
TRDY#
STOP#
LOCK#
DEVSEL#
PERR#
SERR#
REQ0#
GX_CLK
PSERIAL
IRQ13
SMI#
PCLK
HSYNC
VSYNC
PIXEL[23:0]
FP_HSYNC
FP_VSYNC
ENA_DISP
VID_VAL
VID_CLK
VID_DATA[7:0]
VID_RDY
CPU_RST
INTR
SUSP#
SUSPA#
AD[31:0]
C/BE[3:0]#
PAR
FRAME#
IRDY#
TRDY#
STOP#
LOCK#
DEVSEL#
PERR#
SERR#
REQ#
GNT#
GNT0#
Geode™ GX1
Geode™ CS5530
I/O Companion
Exclusive
Interconnect
Signals
(Do not connect to
any other device)
Nonexclusive
Interconnect
Signals
(May also connect
to other 3.3V circuitry)
Not needed if
CRT only (no TFT)
(Note)
Note:
Refer to Figure 1-5 for interconnection of the pixel lines.
RESET
DCLK
DCLK
Processor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com