Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 94 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 94 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 90Page - National Semiconductor (TI) GX1 Datasheet HTML 91Page - National Semiconductor (TI) GX1 Datasheet HTML 92Page - National Semiconductor (TI) GX1 Datasheet HTML 93Page - National Semiconductor (TI) GX1 Datasheet HTML 94Page - National Semiconductor (TI) GX1 Datasheet HTML 95Page - National Semiconductor (TI) GX1 Datasheet HTML 96Page - National Semiconductor (TI) GX1 Datasheet HTML 97Page - National Semiconductor (TI) GX1 Datasheet HTML 98Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 247 page
background image
www.national.com
94
Revision 1.0
Processor Programming (Continued)
3.11 FLOATING POINT UNIT OPERATIONS
The GX1 processor contains an FPU that is x87 and MMX
instruction-set compatible and adheres to the IEEE-754
standard. Because most applications that contain FPU
instructions intermix with integer instructions, the GX1 pro-
cessor’s FPU achieves high performance by completing
integer and FPU operations in parallel.
3.11.1 FPU Register Set
The FPU provides the user eight data registers, a control
register, and a status register. The CPU also provides a
data register tag word that improves context switching and
stack performance by maintaining empty/non-empty status
for each of the eight data registers. Two additional, regis-
ters contain pointers to (a) the memory location containing
thecurrent instructionwordand (b) the memory location
containing the operand associated with the current instruc-
tion word (if any).
3.11.2 FPU Tag Word Register
TheFPU maintainsatagwordregister that is dividedinto
eight tag word fields. These fields assume one of four val-
ues depending on the contents of their associated data
registers: Valid (00), Zero (01), Special (10), and Empty
(11). Note: Denormal, Infinity, QNaN, SNaN and unsup-
ported formats are tagged as “Special”. Tag values are
maintained transparently by the CPU and are only available
to the programmer indirectly through the FSTENV and
FSAVE instructions. The tag word with TAG fields for each
associated physical register, TAG(n), is shown in Table 3-38
on page 95.
3.11.3 FPU Status Register
The FPU communicates status information and operation
results to the CPU through the FPU status register, whose
fields are detailed in Table 3-38. These fields include infor-
mation related to exception status, operation execution sta-
tus, register status, operand class, and comparison results.
This register is continuously accessible to the CPU regard-
less of the state of the Control or Execution Units.
3.11.4 FPU Mode Control Register
The FPU Mode Control register, shown in Table 3-38, is
used by the GX1 processor to specify the operating mode
of the FPU. The register fields include information related
to the rounding mode selected, the amount of precision to
be used in the calculations, and the exception conditions
which should be reported to the GX1 processor using
traps. The user controls precision, rounding, and exception
reporting by setting or clearing appropriate bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com