Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 45 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 45 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 41Page - National Semiconductor (TI) GX1 Datasheet HTML 42Page - National Semiconductor (TI) GX1 Datasheet HTML 43Page - National Semiconductor (TI) GX1 Datasheet HTML 44Page - National Semiconductor (TI) GX1 Datasheet HTML 45Page - National Semiconductor (TI) GX1 Datasheet HTML 46Page - National Semiconductor (TI) GX1 Datasheet HTML 47Page - National Semiconductor (TI) GX1 Datasheet HTML 48Page - National Semiconductor (TI) GX1 Datasheet HTML 49Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 247 page
background image
Revision 1.0
45
www.national.com
Processor Programming (Continued)
3.3.1.2
Segment Registers
The 16-bit segment registers, part of the main memory
addressing mechanism, are described in Section 3.5 “Off-
set, Segment, and Paging Mechanisms” on page 64. The six
segment registers are:
CS
-
Code Segment
DS
-
Data Segment
SS
-
Stack Segment
ES
-
Extra Segment
FS
-
Additional Data Segment
GS
-
Additional Data Segment
The segment registers are used to select segments in main
memory. A segment acts as private memory for different
elements of a program such as code space, data space
and stack space.
There are two segment mechanisms, one for real and vir-
tual 8086 operating modes and one for protected mode.
Initialization and transition to protected mode is described
in Section 3.9.4 “Initialization and Transition to Protected
Mode” on page 93. The segment mechanisms are
described in Section 3.5.2 “Segment Mechanisms” on
page 66.
Theactivesegment register is selected accordingtothe
rules listed in Table 3-3 and the type of instruction being
currently processed. In general, the DS register selector is
used for data references. Stack references use the SS reg-
ister, and instruction fetches use the CS register. While
some selections may be overridden, instruction fetches,
stack operations, and the destination write operation of
string operations cannot be overridden. Special segment-
override instruction prefixes allow the use of alternate seg-
ment registers. These segment registers include the ES,
FS, and GS registers.
3.3.1.3
Instruction Pointer Register
The Instruction Pointer (EIP) register contains the offset
into the current code segment of the next instruction to be
executed. The register is normally incremented by the
length of the current instruction with each instruction exe-
cution unless it is implicitly modified through an interrupt,
exception, or an instruction that changes the sequential
execution flow (for example JMP and CALL).
Table 3-3 illustrates the code segment selection rules.
.
Table 3-3. Segment Register Selection Rules
Type of Memory Reference
Implied (Default)
Segment
Segment-Override
Prefix
Code Fetch
CS
None
Destination of PUSH, PUSHF, INT, CALL, PUSHA instructions
SS
None
Source of POP, POPA, POPF, IRET, RET instructions
SS
None
Destination of STOS, MOVS, REP STOS, REP MOVS instructions
ES
None
Other data references with effective address using base registers of:
EAX, EBX, ECX, EDX, ESI, EDI, EBP, ESP
DS
SS
CS,ES, FS,GS, SS
CS, DS, ES, FS, GS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com