Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 80 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 80 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 76Page - National Semiconductor (TI) GX1 Datasheet HTML 77Page - National Semiconductor (TI) GX1 Datasheet HTML 78Page - National Semiconductor (TI) GX1 Datasheet HTML 79Page - National Semiconductor (TI) GX1 Datasheet HTML 80Page - National Semiconductor (TI) GX1 Datasheet HTML 81Page - National Semiconductor (TI) GX1 Datasheet HTML 82Page - National Semiconductor (TI) GX1 Datasheet HTML 83Page - National Semiconductor (TI) GX1 Datasheet HTML 84Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 247 page
background image
www.national.com
80
Revision 1.0
Processor Programming (Continued)
3.6.3
Interrupt Vectors
When the CPU services an interrupt or exception, the cur-
rent program’s instruction pointer and flags are pushed
onto the stack to allow resumption of execution of the inter-
rupted program. In protected mode, the processor also
saves an error code for some exceptions. Program control
is then transferred to the interrupt handler (also called the
interrupt service routine). Upon execution of an IRET at the
end of the service routine, program execution resumes at
the instruction pointer address saved on the stack when the
interrupt was serviced.
3.6.3.1
Interrupt Vector Assignments
Each interrupt (except SMI#) and exception are assigned
one of 256 interrupt vector numbers as shown in Table 3-
29. The first 32 interrupt vector assignments are defined or
reserved. INT instructions acting as software interrupts
may use any of interrupt vectors, 0 through 255.
The non-maskable hardware interrupt (NMI) is assigned
vector 2. Illegal opcodes including faulty FPU instructions
will cause an illegal opcode exception, interrupt vector 6.
NMI interrupts are enabled by setting bit 2 of the CCR7
register (Index EBh[2] = 1, see Table 3-11 on page 52 for
register format).
In response to a maskable hardware interrupt (INTR), the
CPU issues interrupt acknowledge bus cycles used to read
the vector number from external hardware. These vectors
should be in the range 32 to 255 as vectors 0 to 31 are pre-
defined.
3.6.3.2
Interrupt Descriptor Table
The interrupt vector number is used by the CPU to locate
an entry in the interrupt descriptor table (IDT). In real
mode, each IDT entry consists of a 4-byte far pointer to the
beginning of the corresponding interrupt service routine. In
protected mode, each IDT entry is an 8-byte descriptor.
The Interrupt Descriptor Table Register (IDTR) specifies
the beginning address and limit of the IDT. Following
RESET, the IDTR contains a base address of 00000000h
with a limit of 3FFh.
TheIDT canbelocated anywhereinphysicalmemoryas
determined by the IDTR register. The IDT may contain dif-
ferent types of descriptors: interrupt gates, trap gates and
task gates. Interrupt gates are used primarily to enter a
hardware interrupt handler. Trap gates are generally used
to enter an exception handler or software interrupt handler.
If an interrupt gate is used, the Interrupt Enable Flag (IF) in
the EFLAGS register is cleared before the interrupt handler
is entered. Task gates are used to make the transition to a
new task.
Table 3-29. Interrupt Vector Assignments
Interrupt
Vector
Function
Exception
Type
0
Divide error
Fault
1
Debug exception
Trap/Fault1
2
NMI interrupt
---
3
Breakpoint
Trap
4
Interrupt on overflow
Trap
5
BOUND range exceeded
Fault
6
Invalid opcode
Fault
7
Device not available
Fault
8
Double fault
Abort
9
Reserved
---
10
Invalid TSS
Fault
11
Segment not present
Fault
12
Stack fault
Fault
13
General protection fault
Trap/Fault
14
Page fault
Fault
15
Reserved
---
16
FPU error
Fault
17
Alignment check exception
Fault
18:31
Reserved
---
32:55
Maskable hardware interrupts
Trap
0:255
Programmed interrupt
Trap
1.
Data breakpoints and single steps are traps. All other debug
exceptions are faults.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com