Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 53 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 53 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 49Page - National Semiconductor (TI) GX1 Datasheet HTML 50Page - National Semiconductor (TI) GX1 Datasheet HTML 51Page - National Semiconductor (TI) GX1 Datasheet HTML 52Page - National Semiconductor (TI) GX1 Datasheet HTML 53Page - National Semiconductor (TI) GX1 Datasheet HTML 54Page - National Semiconductor (TI) GX1 Datasheet HTML 55Page - National Semiconductor (TI) GX1 Datasheet HTML 56Page - National Semiconductor (TI) GX1 Datasheet HTML 57Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 247 page
background image
Revision 1.0
53
www.national.com
Processor Programming (Continued)
0
SMI_LOCK
SMM Register Lock:
If = 1: SMM Address Region Register (SMAR[31:0]), SMAC (CCR1[2]), USE_SMI (CCR1[1])
cannot be modified unless in SMM routine. Once set, SMI_LOCK can only be cleared by asserting
the RESET pin.
Note:
All bits are cleared to zero at reset.
Index E8h
CCR4 — Configuration Control Register 4 (R/W)
Default Value = 85h
7CPUID
Enable CPUID Instruction:
If = 1: The ID bit in the EFLAGS register to be modified and execution of the CPUID instruction occurs
as documented in Section 8.2 “CPUID Instruction” on page 218.
If = 0: The ID bit can not be modified and execution of the CPUID instruction causes an invalid opcode
exception.
6SMI_NEST
SMI Nest:
If = 1: SMI interrupts can occur during SMM mode. SMM service routines can optionally set
SMI_NEST high to allow higher-priority SMI interrupts while handling the current event
5
FPU_FAST_EN
FPU Fast Mode Enable:
If 0 = Disable FPU Fast Mode.
If 1 = Enable FPU Fast Mode
4DTE_EN
Directory Table Entry Cache:
If = 1: Enables directory table entry to be cached.
Cleared to 0 at reset.
3MEM_BYP
Memory Read Bypassing:
If = 1: Enables memory read bypassing.
Cleared to 0 at reset.
2:0
IORT(2:0)
I/O Recovery Time: Specifies the minimum number of bus clocks between I/O accesses:
000 = No clock delay
100 = 16-clock delay
001 = 2-clock delay
101 = 32-clock delay (default value after reset)
010 = 4-clock delay
110 = 64-clock delay
011 = 8-clock delay
111 = 128-clock delay
Note:
MAPEN (CCR3[4]) must = 1 to read or write this register.
Index EBh
CCR7 — Configuration Control Register 7 (R/W)
Default Value = 00h
7:3
RSVD
Reserved: Set to 0.
2NMI
Generate NMI:
If = 0 Do nothing
If = 1 Generate NMI
In order to generate multiple NMIs, this bit must be set to zero between each setting of 1.
1RSVD
Reserved: Set to 0.
0EMMX
Extended MMX Instructions Enable:
If = 1: Extended MMX instructions are enabled
Index 20h
PCR — Performance Control Register (R/W)
Default Value = 07h
7
LSSER
Load/Store Serialize Enable (Reorder Disable): LSSER should be set to ensure that memory
mapped I/O devices operating outside of the address range 640 KB to 1 MB will operate correctly. For
memory accesses above 1 GByte, refer to CCR3[7:5] (LSS_34, LSS_23, LSS_12.)
If = 1: All memory read and write operations will occur in execution order (load/store serializing
enabled, reordering disabled).
If = 0: Memory reads and write can be reordered for optimum performance (load/store serializing dis-
abled, reordering enabled).
Memory accesses in the address range 640 KB to 1 MB will always be issued in execution order.
6RSVD
Reserved: Set to 0.
5RSVD
Reserved: Set to 1.
4:0
RSVD
Reserved: Set to 0.
Note:
MAPEN (CCR3[4]) must = 1 to read or write this register.
Table 3-11. Configuration Registers (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com