Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 16Page - National Semiconductor (TI) GX1 Datasheet HTML 17Page - National Semiconductor (TI) GX1 Datasheet HTML 18Page - National Semiconductor (TI) GX1 Datasheet HTML 19Page - National Semiconductor (TI) GX1 Datasheet HTML 20Page - National Semiconductor (TI) GX1 Datasheet HTML 21Page - National Semiconductor (TI) GX1 Datasheet HTML 22Page - National Semiconductor (TI) GX1 Datasheet HTML 23Page - National Semiconductor (TI) GX1 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 247 page
background image
www.national.com
20
Revision 1.0
Signal Definitions (Continued)
2.1
PIN ASSIGNMENTS
The tables in this section use several common abbrevia-
tions. Table 2-1 lists the mnemonics and their meanings.
Figure 2-2 shows the pin assignment for the 352 BGA with
Table 2-2 and Table 2-3 listing the pin assignments sorted
by pin number and alphabetically by signal name, respec-
tively.
Figure 2-3 shows the pin assignment for the 320 SPGA
with Table 2-4 and Table 2-5 listing the pin assignments
sorted by pin number and alphabetically by signal name,
respectively.
In Section 2.2 “Signal Descriptions” on page 31 a descrip-
tion of each signal is provided within its associated func-
tional group.
Table 2-1. Pin Type Definitions
Mnemonic
Definition
I
Standard input pin.
I/O
Bidirectional pin.
O
Totem-pole output.
OD
Open-drain output structure that
allows multiple devices to share the
pin in a wired-OR configuration.
PU
Pull-up resistor.
PD
Pull-down resistor.
s/t/s
Sustained tri-state, an active-low tri-
state signal owned and driven by one
and only one agent at a time. The
agent that drives an s/t/s pin low
must drive it high for at least one
clock before letting it float. A new
agent cannot start driving an s/t/s
signal any sooner than one clock
after the previous owner lets it float.
A pull-up resistor on the motherboard
is required to sustain the inactive
state until another agent drives it.
VCC (PWR)
Power pin.
VSS (GND)
Ground pin.
#
The "#" symbol at the end of a signal
name indicates that the active, or
asserted state occurs when the sig-
nal is at a low voltage level. When "#"
is not present after the signal name,
the signal is asserted when at a high
voltage level.
t/s
Tri-state signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com