Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 74 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 74 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 70Page - National Semiconductor (TI) GX1 Datasheet HTML 71Page - National Semiconductor (TI) GX1 Datasheet HTML 72Page - National Semiconductor (TI) GX1 Datasheet HTML 73Page - National Semiconductor (TI) GX1 Datasheet HTML 74Page - National Semiconductor (TI) GX1 Datasheet HTML 75Page - National Semiconductor (TI) GX1 Datasheet HTML 76Page - National Semiconductor (TI) GX1 Datasheet HTML 77Page - National Semiconductor (TI) GX1 Datasheet HTML 78Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 247 page
background image
www.national.com
74
Revision 1.0
Processor Programming (Continued)
Gate Descriptors
Four kinds of gate descriptors are used to provide protec-
tion during control transfers:
• Call gates
• Trap gates
• Interrupt gates
• Task gates
(For more information on protection refer to Section 3.9
“Protection” on page 91.)
Call Gate Descriptor (CGD). Call gates are used to define
legal entry points to a procedure with a higher privilege
level. Thecallgates areusedbyCALLand JUMP instruc-
tions in much the same manner as code segment descrip-
tors. When a decoded instruction refers to a call gate
descriptor in the GDT or LDT, the call gate is used to point
to another descriptor in the table that defines the destina-
tion code segment.
The following privilege levels are tested during the transfer
through the call gate:
• CPL = Current Privilege Level
• RPL = Segment Selector Field
• DPL = Descriptor Privilege Level in the call gate
descriptor
• DPL = Descriptor Privilege Level in the destination code
segment
The maximum value of the CPL and RPL must be equal or
less than the gate DPL. For a JMP instruction the destina-
tion DPL equals the CPL. For a CALL instruction the desti-
nation DPL is less than or equal to the CPL.
Conforming Code Segments. Transfer to a procedure
with a higher privilege level can also be accomplished by
bypassing the use of call gates, if the requested procedure
is to be executed in a conforming code segment. Conform-
ing code segments have the C bit set in the TYPE field in
their descriptor.
The bit structure and definitions for gate descriptors are
shown in Tables 3-24 and 3-25.
Table 3-24. Gate Descriptors
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Memory Offset +4
OFFSET[31:16]
P
DPL
0
TYPE
0
0
0
PARAMETERS
Memory Offset +0
SELECTOR[15:0]
OFFSET[15:0]
Table 3-25. Gate Descriptors Bit Definitions
Bit
Memory
Offset
Name
Description
31:16
+4
OFFSET
Offset: Offset used during a call gate to calculate the branch target.
15:0
+0
31:16
+0
SELECTOR
Segment Selector
15
+4
P
Segment Present
14:13
+4
DPL
Descriptor Privilege Level
11:8
+4
TYPE
Segment Type:
0100 = 16-bit call gate
1100 = 32-bit call gate
0101 = Task gate
1110 = 32-bit interrupt gate
0110 = 16-bit interrupt gate
1111 = 32-bit trap gate
0111 = 16-bit trap gate
4:0
+4
PARAMETERS
Parameters: Number of parameters to copy from the caller’s stack to the called procedure’s
stack.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com