Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 82 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 82 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 78Page - National Semiconductor (TI) GX1 Datasheet HTML 79Page - National Semiconductor (TI) GX1 Datasheet HTML 80Page - National Semiconductor (TI) GX1 Datasheet HTML 81Page - National Semiconductor (TI) GX1 Datasheet HTML 82Page - National Semiconductor (TI) GX1 Datasheet HTML 83Page - National Semiconductor (TI) GX1 Datasheet HTML 84Page - National Semiconductor (TI) GX1 Datasheet HTML 85Page - National Semiconductor (TI) GX1 Datasheet HTML 86Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 247 page
background image
www.national.com
82
Revision 1.0
Processor Programming (Continued)
3.6.5
Exceptions in Real Mode
Many of the exceptions described in Table 3-29 "Interrupt
Vector Assignments" on page 80 are not applicable in real
mode. Exceptions 10, 11, and 14 do not occur in real
mode. Other exceptions have slightly different meanings in
real mode as listed in Table 3-31.
3.6.6
Error Codes
When operating in protected mode, the following exceptions
generate a 16-bit error code:
• Double Fault
• Alignment Check
• Invalid TSS
• Segment Not Present
• Stack Fault
• General Protection Fault
• Page Fault
The error code format and bit definitions are shown in Table
3-32. Bits [15:3] (selector index) are not meaningful if the
error code was generated as the result of a page fault. The
error code is always zero for double faults and alignment
check exceptions.
Table 3-31. Exception Changes in Real Mode
Vector
Number
Protected Mode
Function
Real Mode
Function
8
Double fault.
Interrupt table limit overrun.
10
Invalid TSS.
Does not occur.
11
Segment not
present.
Does not occur.
12
Stack fault.
SS segment limit overrun.
13
General protec-
tion fault.
CS,DS, ES,FS, GS seg-
ment limit overrun. In pro-
tected mode, an error code
is pushed. In real mode, no
error code is pushed.
14
Page fault.
Does not occur.
Table 3-32. Error Codes
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Selector Index
S2
S1
S0
Table 3-33. Error Code Bit Definitions
Fault
Type
Selector Index
(Bits 15:3)
S2 (Bit 2)
S1 (Bit 1)
S0 (Bit 0)
Page
Fault
Reserved.
Fault caused by:
0 = Not present page
1 = Page-level protection
violation
Fault occurred during:
0 = Read access
1= Write access
Fault occurred during:
0 = Supervisor access
1 = User access.
IDT Fault
Index of faulty IDT
selector.
Reserved
1
If = 1: exception occurred while
trying to invoke exception or
hardware interrupt handler.
Segment
Fault
Index of faulty
selector.
TI bit of faulty selector
0
If=1:
exception occurred while trying
to invoke exception or hardware
interrupt handler.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com