Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 46 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 46 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 42Page - National Semiconductor (TI) GX1 Datasheet HTML 43Page - National Semiconductor (TI) GX1 Datasheet HTML 44Page - National Semiconductor (TI) GX1 Datasheet HTML 45Page - National Semiconductor (TI) GX1 Datasheet HTML 46Page - National Semiconductor (TI) GX1 Datasheet HTML 47Page - National Semiconductor (TI) GX1 Datasheet HTML 48Page - National Semiconductor (TI) GX1 Datasheet HTML 49Page - National Semiconductor (TI) GX1 Datasheet HTML 50Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 247 page
background image
www.national.com
46
Revision 1.0
Processor Programming (Continued)
3.3.1.4
EFLAGS Register
The EFLAGS register contains status information and con-
trols certain operations on the GX1 processor. The lower
16 bits of this register, referred to as the EFLAGS register,
is used when executing 8086 or 80286 code. Table 3-4
gives the bit formats for the EFLAGS register.
Table 3-4. EFLAGS Register
Bit
Name
Flag Type
Description
31:22
RSVD
--
Reserved: Set to 0.
21
ID
System
Identification Bit: The ability to set and clear this bit indicates that the CPUID instruction is
supported. The ID can be modified only if the CPUID bit in CCR4 (Index E8h[7]) is set.
20:19
RSVD
--
Reserved: Set to 0.
18
AC
System
Alignment Check Enable: In conjunction with the AM flag (bit 18) in CR0, the AC flag deter-
mines whether or not misaligned accesses to memory cause a fault. If AC is set, alignment
faults are enabled.
17
VM
System
Virtual 8086 Mode: If set while in protected mode, the processor switches to virtual 8086 oper-
ation handling segment loads as the 8086 does, but generating exception 13 faults on privi-
leged opcodes. The VM bit can be set by the IRET instruction (if current privilege level is 0) or
by task switches at any privilege level.
16
RF
Debug
Resume Flag: Used in conjunction with debug register breakpoints. RF is checked at instruc-
tion boundaries before breakpoint exception processing. If set, any debug fault is ignored on
the next instruction.
15
RSVD
--
Reserved: Set to 0.
14
NT
System
Nested Task: While executing in protected mode, NT indicates that the execution of the cur-
rent task is nested within another task.
13:12
IOPL
System
I/O Privilege Level: While executing in protected mode, IOPL indicates the maximum current
privilege level (CPL) permitted to execute I/O instructions without generating an exception 13
fault or consulting the I/O permission bit map. IOPL also indicates the maximum CPL allowing
alteration of the IF bit when new values are popped into the EFLAGS register.
11
OF
Arithmetic
Overflow Flag: Set if the operation resulted in a carry or borrow into the sign bit of the result
but did not result in a carry or borrow out of the high-order bit. Also set if the operation resulted
in a carry or borrow out of the high-order bit but did not result in a carry or borrow into the sign
bitofthe result.
10
DF
Control
Direction Flag: When cleared, DF causes string instructions to auto-increment (default) the
appropriate index registers (ESI and/or EDI). Setting DF causes auto-decrement of the index
registers to occur.
9
IF
System
Interrupt Enable Flag: When set, maskable interrupts (INTR input pin) are acknowledged and
serviced by the CPU.
8
TF
Debug
Trap Enable Flag: Once set, a single-step interrupt occurs after the next instruction completes
execution. TF is cleared by the single-step interrupt.
7SF
Arithmetic
Sign Flag: Set equal to high-order bit of result (0 indicates positive, 1 indicates negative).
6ZF
Arithmetic
Zero Flag: Set if result is zero; cleared otherwise.
5RSVD
--
Reserved: Set to 0.
4AF
Arithmetic
Auxiliary Carry Flag: Set when a carry out of (addition) or borrow into (subtraction) bit position
3 of the result occurs; cleared otherwise.
3RSVD
--
Reserved: Set to 0.
2PF
Arithmetic
Parity Flag: Set when the low-order 8 bits of the result contain an even number of ones; other-
wise PF is cleared.
1RSVD
Reserved: Set to 1.
0CF
Arithmetic
Carry Flag: Set when a carry out of (addition) or borrow into (subtraction) the most significant
bit of the result occurs; cleared otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com