Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 12Page - National Semiconductor (TI) GX1 Datasheet HTML 13Page - National Semiconductor (TI) GX1 Datasheet HTML 14Page - National Semiconductor (TI) GX1 Datasheet HTML 15Page - National Semiconductor (TI) GX1 Datasheet HTML 16Page - National Semiconductor (TI) GX1 Datasheet HTML 17Page - National Semiconductor (TI) GX1 Datasheet HTML 18Page - National Semiconductor (TI) GX1 Datasheet HTML 19Page - National Semiconductor (TI) GX1 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 247 page
background image
www.national.com
16
Revision 1.0
Architecture Overview (Continued)
1.7.1
Reference Designs
As described previously, the GX1 series of integrated pro-
cessors is designed specifically to work with National’s
Geode I/O and graphics companion devices. To help define
and drive the emerging information appliance market, sev-
eral reference systems have been developed by National
Semiconductor. These GX1 processor based reference
systems provide optimized and targeted solutions for three
main segments of the information appliance market: Per-
sonal Internet Access, Thin Client, and Set-top Box. Con-
tact your local National Semiconductor sales or field
support representative for further information on reference
designs for the information appliance market.
Figure 1-6. Example WebPAD™ System Diagram
PCMCIA
Touch
Control
512 KB DRAM
Li Batteries/
Charger
Data
3.3V PCI Bus
RF Interface
Backlight
Ultra DMA/33
Buttons
Pwr Mgmt
Embedded OS
Applications
DC Sense
Bootloader
Run-Time Diagnostics
Storage
Embedded OS
Applications
Bootloader
Run-Time Diagnostics
Storage
Microcontroller
DSTN
ISA Bus
USB Port
Control
Flash
Card
Optional
SDRAM
CS5530
I/O
Companion
Geode™
Geode™
CS9211
Graphics
Companion
Geode™
GX1
Processor
NSC
LM4549
Codec
Linear
Flash
(8 MB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com