Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 91 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 91 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 87Page - National Semiconductor (TI) GX1 Datasheet HTML 88Page - National Semiconductor (TI) GX1 Datasheet HTML 89Page - National Semiconductor (TI) GX1 Datasheet HTML 90Page - National Semiconductor (TI) GX1 Datasheet HTML 91Page - National Semiconductor (TI) GX1 Datasheet HTML 92Page - National Semiconductor (TI) GX1 Datasheet HTML 93Page - National Semiconductor (TI) GX1 Datasheet HTML 94Page - National Semiconductor (TI) GX1 Datasheet HTML 95Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 247 page
background image
Revision 1.0
91
www.national.com
Processor Programming (Continued)
3.8
HALT AND SHUTDOWN
The halt instruction (HLT) stops program execution and
generates the Halt bus cycle on the PCI bus. The GX1 pro-
cessor core then drives out a Stop Grant bus cycle and
enters a low-power Suspend mode if the SUSP_HLT bit in
CCR2 (Index C2h[3]) is set. SMI#, NMI, INTR with inter-
rupts enabled (IF bit in EFLAGS = 1), or RESET forces the
CPU out of the halt state. If the halt state is interrupted, the
saved code segment and instruction pointer specify the
instruction following the HLT.
Shutdown occurs when a severe error is detected that pre-
vents further processing. The most common severe error is
the triple fault, a fault event while handling a double fault.
Setting the IDT limit to zero or the GDT limit to zero will
cause a triple fault when in protected mode.
A RESET brings the processor out of shutdown. An NMI
will work if the IDT limit is large enough, at least 000Fh, to
contain the NMI interrupt vector and if the stack has
enough room. The stack must be large enough to contain
the vector and flag information (the stack pointer must be
greater than 0005h).
3.9
PROTECTION
Segment protection and page protection are safeguards
built into the GX1 processor’s protected-mode architecture
that deny unauthorized or incorrect access to selected
memory addresses. These safeguards allow multitasking
programs to be isolated from each other and from the oper-
ating system. This section concentrates on segment pro-
tection.
Selectors and descriptors are the key elements in the seg-
ment protection mechanism. The segment base address,
size, and privilege level are established by a segment
descriptor. Privilege levels control the use of privileged
instructions, I/O instructions and access to segments and
segment descriptors. Selectors are used to locate segment
descriptors.
Segment accesses are divided into two basic types, those
involving code segments (e.g., control transfers) and those
involving data accesses. The ability of a task to access a
segment depends on the:
• Segment type
• Instruction requesting access
• Type of descriptor used to define the segment
• Associated privilege levels (described next)
Data stored in a segment can be accessed only by code
executing at the same or a more privileged level. A code
segment or procedure can only be called by a task execut-
ing at the same or a less privileged level.
3.9.1
Privilege Levels
The values for privilege levels range between 0 and 3.
Level 0 is the highest privilege level (most privileged), and
level 3 is the lowest privilege level (least privileged). The
privilege level in real mode is zero.
The Descriptor Privilege Level (DPL) is the privilege level
defined for a segment in the segment descriptor. The DPL
field specifies the minimum privilege level needed to
access the memory segment pointed to by the descriptor.
The Current Privilege Level (CPL) is defined as the cur-
rent task’s privilege level. The CPL of an executing task is
stored in the hidden portion of the code segment register
and essentially is the DPL for the current code segment.
The Requested Privilege Level (RPL) specifies a selec-
tor’s privilege level. RPL is used to distinguish between the
privilege level of a routine actually accessing memory (the
CPL), and the privilege level of the original requester (the
RPL) of the memory access. The lesser of the RPL and
CPL is called the Effective Privilege Level (EPL). Therefore, if
RPL = 0 in a segment selector, the EPL is always deter-
mined by the CPL. If RPL = 3, the EPL is always 3 regard-
less of the CPL. If the level requested by RPL is less than
the CPL, the RPL level is accepted and the EPL is changed
to the RPL value. If the level requested by RPL is greater
than CPL, the CPL overrides the requested RPL and EPL
becomes the CPL value.
For a memory access to succeed, the EPL must be at least
as privileged as the Descriptor Privilege Level (EPL
≤
DPL). If the EPL is less privileged than the DPL (EPL >
DPL), a general protection fault is generated. For example,
if a segment has a DPL = 2, an instruction accessing the
segment only succeeds if executed with an EPL
≤ 2.
3.9.2
I/O Privilege Levels
The I/O Privilege Level (IOPL) allows the operating system
executing at CPL = 0 to define the least privileged level at
which IOPL-sensitive instructions can unconditionally be
used. The IOPL-sensitive instructions include CLI, IN, OUT,
INS, OUTS, REP INS, REP OUTS, and STI. Modification of
the IF bit in the EFLAGS register is also sensitive to the I/O
privilege level.
The IOPL is stored in the EFLAGS register (bits [31:12]).
An I/Opermissionbit mapisavailableasdefined by the32-
bit Task State Segment (TSS). Since each task can have
its own TSS, access to individual I/O ports can be granted
through separate I/O permission bit maps.
If CPL
≤ IOPL, IOPL-sensitive operations can be per-
formed. If CPL > IOPL, a general protection fault is gener-
ated if the current task is associated with a 16-bit TSS. If
the current task is associated with a 32-bit TSS and CPL >
IOPL, the CPU consults the I/O permission bitmap in the
TSS to determine on a port-by-port basis whether or not I/O
instructions (IN, OUT, INS, OUTS, REP INS, REP OUTS)
are permitted. The remaining IOPL-sensitive operations
generate a general protection fault.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com