Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 52 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 52 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 48Page - National Semiconductor (TI) GX1 Datasheet HTML 49Page - National Semiconductor (TI) GX1 Datasheet HTML 50Page - National Semiconductor (TI) GX1 Datasheet HTML 51Page - National Semiconductor (TI) GX1 Datasheet HTML 52Page - National Semiconductor (TI) GX1 Datasheet HTML 53Page - National Semiconductor (TI) GX1 Datasheet HTML 54Page - National Semiconductor (TI) GX1 Datasheet HTML 55Page - National Semiconductor (TI) GX1 Datasheet HTML 56Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 247 page
background image
www.national.com
52
Revision 1.0
Processor Programming (Continued)
Table 3-11. Configuration Registers
Bit
Name
Description
Index C1h
CCR1 — Configuration Control Register 1 (R/W)
Default Value = 00h
7:3
RSVD
Reserved: Set to 0.
2SMAC
System Management Memory Access:
If = 1: SMINT instruction can be recognized.
If = 0: SMINT instruction has no affect.
SMI_LOCK (CCR3[0]) must = 0, or the CPU must be in SMI mode, to write this bit.
1USE_SMI
Enable SMM Pins:
If = 1: SMI# input pin is enabled. SMINT instruction can be recognized.
If = 0: SMI# pin is ignored.
SMI_LOCK (CCR3[0]) must = 0, or the CPU must be in SMI mode, to write this bit.
0RSVD
Reserved: Set to 0.
Note:
Bits 1 and 2 are cleared to zero at reset.
Index C2h
CCR2 — Configuration Control Register 2 (R/W)
Default Value = 00h
7USE_SUSP
Enable Suspend Pins:
If = 1: SUSP# input and SUSPA# output are enabled.
If = 0: SUSP# input is ignored.
6RSVD
Reserved: This is a test bit that must be set to 0.
5RSVD
Reserved: Set to 0.
4WT1
Write-Through Region 1:
If = 1: Forces all writes to the address region between 640 KB to 1 MB that hit in the on-chip cache to
be issued on the external bus.
3
SUSP_HLT
Suspend on HALT:
If = 1: CPU enters Suspend mode following execution of a HALT instruction.
2LOCK_NW
Lock NW Bit:
If = 1: Prohibits changing the state of the NW bit (CR0[29]) (refer to Table 3-7 on page 49).
Set to 1 after setting NW.
1:0
RSVD
Reserved: Set to 0.
Note:
All bits are cleared to zero at reset.
Index C3h
CCR3 — Configuration Control Register 3 (R/W)
Default Value = 00h
7
LSS_34
Load/Store Serialize 3 GB to 4 GB:
If = 1: Strong R/W ordering imposed in address range C0000000h to FFFFFFFFh:
6
LSS_23
Load/Store Serialize 2 GB to 3 GB:
If = 1: Strong R/W ordering imposed in address range 80000000h to BFFFFFFFh:
5
LSS_12
Load/Store Serialize 1 GB to 2 GB:
If = 1: Strong R/W ordering imposed in address range 40000000h to 7FFFFFFFh
4
MAPEN
Map Enable:
If = 1: All configuration registers are accessible. All accesses to I/O Port 22h are trapped.
If = 0: Only configuration registers Index C1h-C3h, CDh-CFh FEh, FFh (CCRn, SMAR, DIRn) are
accessible. Other configuration registers (including PCR, SMHRn, GCR, VGACTL, VGAM0) are not
accessible.
3
SUSP_SMM_EN
Enable Suspend in SMM Mode:
If 0 = SUSP# ignored in SMM mode.
If 1 = SUSP# recognized in SMM mode.
2RSVD
Reserved: Set to 0.
1NMI_EN
NMI Enable:
If = 1: NMI is enabled during SMM.
If = 0: NMI is not recognized during SMM.
SMI_LOCK (CCR3[0]) must = 0 or the CPU must be in SMI mode to write to this bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com