Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 67 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 67 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 63Page - National Semiconductor (TI) GX1 Datasheet HTML 64Page - National Semiconductor (TI) GX1 Datasheet HTML 65Page - National Semiconductor (TI) GX1 Datasheet HTML 66Page - National Semiconductor (TI) GX1 Datasheet HTML 67Page - National Semiconductor (TI) GX1 Datasheet HTML 68Page - National Semiconductor (TI) GX1 Datasheet HTML 69Page - National Semiconductor (TI) GX1 Datasheet HTML 70Page - National Semiconductor (TI) GX1 Datasheet HTML 71Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 247 page
background image
Revision 1.0
67
www.national.com
Processor Programming (Continued)
3.5.2.3
Segment Mechanism in Protected Mode
The segment mechanism in protected mode is more com-
plex. Basically as in real and virtual 8086 modes the offset
address is added to the segment base address to produce
a linear address (Figure 3-5). However, the calculation of
the segment base address is based on the contents of
descriptor tables.
If paging is enabled the linear address is further processed
by the paging mechanism.
A more detailed look at the segment mechanisms for real
and virtual 8086 modes and protected modes is illustrated
in Figure 3-6 on page 68. In protected mode, the segment
selector is cached. This is illustrated in Figure 3-7 on page
69.
3.5.2.4
Segment Selectors
The segment registers are used to store segment selec-
tors. In protected mode, the segment selectors are divided
in to three fields: the RPL, TI and INDEX fields as shown in
Figure 3-6 on page 68.
The segments are assigned permission levels to prevent
application program errors from disrupting operating pro-
grams. The Requested Privilege Level (RPL) determines the
effective privilege level of an instruction. RPL = 0 indicates the
most privileged level, and RPL = 3 indicates the least privi-
leged level. Refer to Section 3.9 “Protection” on page 91.
Descriptor tables hold descriptors that allow management
of segments and tables in address space while in protected
mode. The Table Indicator Bit (TI) in the selector selects
either the General Descriptor Table (GDT) or one Local
Descriptor Table (LDT). If TI = 0, GDT is selected; if TI =1,
LDT is selected. The 13-bit INDEX field in the segment
selector is used to index a GDT or LDT.
Figure 3-5. Protected Mode Address Calculation
Offset Mechanism
Selector Mechanism
Offset Address
32
32
32
32
Optional
Physical
Segment Base
Address
Address
Paging Mechanism
Linear
Address
Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com