Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 8Page - National Semiconductor (TI) GX1 Datasheet HTML 9Page - National Semiconductor (TI) GX1 Datasheet HTML 10Page - National Semiconductor (TI) GX1 Datasheet HTML 11Page - National Semiconductor (TI) GX1 Datasheet HTML 12Page - National Semiconductor (TI) GX1 Datasheet HTML 13Page - National Semiconductor (TI) GX1 Datasheet HTML 14Page - National Semiconductor (TI) GX1 Datasheet HTML 15Page - National Semiconductor (TI) GX1 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 247 page
background image
www.national.com
12
Revision 1.0
Architecture Overview (Continued)
1.6
INTEGRATED FUNCTIONS
The GX1 processor integrates the following functions tradi-
tionally implemented using external devices:
• High-performance 2D graphics accelerator
• Separate CRT and TFT control from the display
controller
• SDRAM memory controller
• PCI bridge
The processor has also been enhanced to support VSA
technology implementation.
The GX1 processor implements a Unified Memory Archi-
tecture (UMA). By using DCT (Display Compression Tech-
nology) architecture, the performance degradation inherent
in traditional UMA systems is eliminated.
1.6.1
Graphics Accelerator
The graphics accelerator is a full-featured GUI accelerator.
The graphics pipeline implements a bitBLT engine for
frame buffer bitBLTs and rectangular fills. Additional
instructions in the integer unit may be processed, as the
bitBLT engine assists the CPU in the bitBLT operations that
take place between system memory and the frame buffer.
This combination of hardware and software is used by the
display driver to provide very fast bidirectional transfers
between system memory and the frame buffer. The bitBLT
engine also draws randomly oriented vectors, and scan-
lines for polygon fill. All of the pipeline operations described
in the following list can be applied to any bitBLT operation.
• Pattern Memory: Render with 8x8 dither, 8x8 mono-
chrome, or 8x1 color pattern.
• Color Expansion: Expand monochrome bitmaps to full
depth 8- or 16-bit colors.
• Transparency: Suppresses drawing of background
pixels for transparent text.
• Raster Operations: Boolean operation combines
source, destination, and pattern bitmaps.
1.6.2
Display Controller
The display port is a direct interface to the Geode I/O com-
panion (i.e., CS5530) which drives a TFT flat panel display,
LCD panel, or a CRT display.
The display controller (video generator) retrieves image
data from the frame buffer, performs a color-look-up if
required, inserts the cursor overlay into the pixel stream,
generates display timing, and formats the pixel data for out-
put to a variety of display devices. The display controller
contains DCT architecture that allows the GX1 processor
to refresh the display from a compressed copy of the frame
buffer. DCT architecture typically decreases the screen
refresh bandwidth requirement by a factor of 15 to 20, min-
imizing bandwidth contention.
1.6.3
XpressRAM Memory Subsystem
The memory controller drives a 64-bit SDRAM port directly.
The SDRAM memory array contains both the main system
memory and the graphics frame buffer. Up to four module
banks of SDRAM are supported. Each module bank can
have two or four component banks depending on the mem-
ory size and organization. The maximum configuration is
four module banks with four component banks, each pro-
viding a total of 16 open banks. The maximum memory
size is 512 MB.
The memory controller handles multiple requests for mem-
ory data from the GX1 processor, the graphics accelerator
and the display controller. The memory controller contains
extensive buffering logic that helps minimize contention for
memory bandwidth between graphics and CPU requests.
The memory controller cooperates with the internal bus
controller to determine the cacheability of all memory refer-
ences.
1.6.4
PCI Controller
The GX1 processor incorporates a full-function PCI inter-
face module that includes the PCI arbiter. All accesses to
external I/O devices are sent over the PCI bus, although
most memory accesses are serviced by the SDRAM con-
troller. The internal bus interface unit contains address
mapping logic that determines if memory accesses are tar-
getedfor theSDRAMor for the PCI bus. ThePCI busina
GX1 based system is 3.3 volt only. Do not connect 5 volt
devices on this bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com