Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 72 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 72 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 68Page - National Semiconductor (TI) GX1 Datasheet HTML 69Page - National Semiconductor (TI) GX1 Datasheet HTML 70Page - National Semiconductor (TI) GX1 Datasheet HTML 71Page - National Semiconductor (TI) GX1 Datasheet HTML 72Page - National Semiconductor (TI) GX1 Datasheet HTML 73Page - National Semiconductor (TI) GX1 Datasheet HTML 74Page - National Semiconductor (TI) GX1 Datasheet HTML 75Page - National Semiconductor (TI) GX1 Datasheet HTML 76Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 247 page
background image
www.national.com
72
Revision 1.0
Processor Programming (Continued)
Table 3-22. Descriptors Bit Definitions
Bit
Memory
Offset
Name
Description
31:24
+4
BASE
Segment Base Address: Three fields which collectively define the base location for the segment in
4 GB physical address space.
7:0
+4
31:16
+0
19:16
+4
LIMIT
Segment Limit: Two fields that define the size of the segment based on the Segment Limit
Granularity Bit.
If G = 1: Limit value interpreted in units of 4 KB.
If G = 0: Limit value is interpreted in bytes.
15:0
+0
23
+4
G
Segment Limit Granularity Bit: Defines LIMIT multiplier.
If G = 1: Limit value interpreted in units of 4 KB. Segment size ranges from 4 KB to 4 GB.
If G = 0: Limit value is interpreted in bytes. Segment size ranges from 1 byte to 1 MB.
22
+4
D
Default Length for Operands and Effective Addresses:
If D = 1: Code segment = 32-bit length for operands and effective addresses.
If D = 0: Code segment = 16-bit length for operands and effective addresses.
If D = 1: Data segment = Pushes, calls and pop instructions use 32-bit ESP register.
If D = 0: Data segment = Stack operations use 16-bit SP register.
20
+4
AVL
Segment Available: This field is available for use by system software.
15
+4
P
Segment Present:
If = 1: Segment is memory segment allocated.
If = 0: The BASE and LIMIT fields become available for use by the system. Also, If = 0, a segment-
not-present exception generated when selector for the descriptor is loaded into a segment register
allowing virtual memory management.
14:13
+4
DPL
Descriptor Privilege Level:
If = 00: Highest privilege level
If = 11: Lowest privilege level
12
+4
S
Descriptor Type:
If = 1: Code or data segment
If = 0: System segment
11:8
+4
TYPE
Segment Type: Refer to Table 3-23 on page 73 for TYPE bit definitions.
Bit 11 = Executable
Bit 10 = Conforming if Bit 12 = 1
Bit 10 = Expand Down if Bit 12 = 0
Bit 9 = Readable, if Bit 12 = 1
Bit 9 = Writable, if Bit 12 = 0
Bit 8 = Accessed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com