Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 29Page - National Semiconductor (TI) GX1 Datasheet HTML 30Page - National Semiconductor (TI) GX1 Datasheet HTML 31Page - National Semiconductor (TI) GX1 Datasheet HTML 32Page - National Semiconductor (TI) GX1 Datasheet HTML 33Page - National Semiconductor (TI) GX1 Datasheet HTML 34Page - National Semiconductor (TI) GX1 Datasheet HTML 35Page - National Semiconductor (TI) GX1 Datasheet HTML 36Page - National Semiconductor (TI) GX1 Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 247 page
background image
Revision 1.0
33
www.national.com
Signal Definitions (Continued)
2.2.2
PCI Interface Signals
Signal Name
BGA
Pin No.
SPGA
Pin No
Type
Description
FRAME#
A8
(PU)
C13
(PU)
s/t/s
Frame
FRAME# is driven by the current master to indicate the beginning
and duration of an access. FRAME# is asserted to indicate a bus
transaction is beginning. While FRAME# is asserted, data trans-
fers continue. When FRAME# is deasserted, the transaction is in
the final data phase.
This pin is internally connected to a weak (>20-kohm) pull-up
resistor.
IRDY#
C9
(PU)
D14
(PU)
s/t/s
Initiator Ready
IRDY# is asserted to indicate that the bus master is able to com-
plete the current data phase of the transaction. IRDY# is used in
conjunction with TRDY#. A data phase is completed on any
SYSCLK in which both IRDY# and TRDY# are sampled asserted.
During a write, IRDY# indicates valid data is present on AD[31:0].
During a read, it indicates the master is prepared to accept data.
Wait cycles are inserted until both IRDY# and TRDY# are
asserted together.
This pin is internally connected to a weak (>20-kohm) pull-up
resistor.
TRDY#
B9
(PU)
B14
(PU)
s/t/s
Target Ready
TRDY#is assertedtoindicatethat thetarget agentis abletocom-
plete the current data phase of the transaction. TRDY# is used in
conjunction with IRDY#. A data phase is complete on any
SYSCLK in which both TRDY# and IRDY# are sampled asserted.
During a read, TRDY# indicates that valid data is present on
AD[31:0]. During a write, it indicates the target is prepared to
accept data. Wait cycles are inserted until both IRDY# and
TRDY# are asserted together.
This pin is internally connected to a weak (>20-kohm) pull-up
resistor.
STOP#
C11
(PU)
A15
(PU)
s/t/s
Target Stop
STOP# is asserted to indicate that the current target is requesting
the master to stop the current transaction. This signal is used with
DEVSEL# to indicate retry, disconnect or target abort. If STOP# is
sampled active while a master, FRAME# will be deasserted and
the cycle will be stopped within three SYSCLKs. STOP# can be
asserted in the following cases:
A PCI master tries to access memory that has been locked by
another master. This condition is detected if FRAME# and LOCK#
are asserted during an address phase.
The PCI write buffers are full or a previously buffered cycle has
not completed.
Read cycles that cross cache line boundaries. This is conditional
based upon the programming of bit 1 in the PCI Control Function
2register.
This pin is internally connected to a weak (>20-kohm) pull-up
resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com