Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 95 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 95 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 91Page - National Semiconductor (TI) GX1 Datasheet HTML 92Page - National Semiconductor (TI) GX1 Datasheet HTML 93Page - National Semiconductor (TI) GX1 Datasheet HTML 94Page - National Semiconductor (TI) GX1 Datasheet HTML 95Page - National Semiconductor (TI) GX1 Datasheet HTML 96Page - National Semiconductor (TI) GX1 Datasheet HTML 97Page - National Semiconductor (TI) GX1 Datasheet HTML 98Page - National Semiconductor (TI) GX1 Datasheet HTML 99Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 247 page
background image
Revision 1.0
95
www.national.com
Processor Programming (Continued)
Table 3-38. FPU Registers
Bit
Name
Description
FPU Tag Word Register (R/W)1
15:14
TAG7
TAG7: 00 = Valid; 01 = Zero; 10 = Special; 11 = Empty.
13:12
TAG6
TAG6: 00 = Valid; 01 = Zero; 10 = Special; 11 = Empty.
11:10
TAG5
TAG5: 00 = Valid; 01 = Zero; 10 = Special; 11 = Empty.
9:8
TAG4
TAG4: 00 = Valid; 01 = Zero; 10 = Special; 11 = Empty.
7:6
TAG3
TAG3: 00 = Valid; 01 = Zero; 10 = Special; 11 = Empty.
5:4
TAG2
TAG2: 00 = Valid; 01 = Zero; 10 = Special; 11 = Empty.
3:2
TAG1
TAG1: 00 = Valid; 01 = Zero; 10 = Special; 11 = Empty.
1:0
TAG0
TAG0: 00 = Valid; 01 = Zero; 10 = Special; 11 = Empty.
FPU Status Register (R/W)1
15
B
Copy of ES bit (bit 7 this register)
14
C3
Condition code bit 3
13:11
S
Top-of-Stack: Register number that points to the current TOS.
10:8
C[2:0]
Condition code bits [2:0]
7ES
Error indicator: Set to 1 if unmasked exception detected.
6SF
Stack Full: FPU Status Register: or invalid register operation bit.
5P
Precision error exception bit
4U
Underflow error exception bit
3O
Overflow error exception bit
2Z
Divide-by-zero exception bit
1D
Denormalized-operand error exception bit
0I
Invalid operation exception bit
FPU Mode Control Register (R/W)1
15:12
RSVD
Reserved: Set to 0
11:10
RC
Rounding control bits:
00 = Round to nearest or even
01 = Round towards minus infinity
10 = Round towards plus infinity
11 = Truncate
9:8
PC
Precision control bits:
00 = 24-bit mantissa
01 = Reserved
10 = 53-bit mantissa
11 = 64-bit mantissa
7:6
RSVD
Reserved: Set to 0
5P
Precision error exception bit
4U
Underflow error exception bit
3O
Overflow error exception bit
2Z
Divide-by-zero exception bit
1D
Denormalized-operand error exception bit
0I
Invalid-operation exception bit
1.
R/W only through the environment store and restore commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com