Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 62 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 62 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 58Page - National Semiconductor (TI) GX1 Datasheet HTML 59Page - National Semiconductor (TI) GX1 Datasheet HTML 60Page - National Semiconductor (TI) GX1 Datasheet HTML 61Page - National Semiconductor (TI) GX1 Datasheet HTML 62Page - National Semiconductor (TI) GX1 Datasheet HTML 63Page - National Semiconductor (TI) GX1 Datasheet HTML 64Page - National Semiconductor (TI) GX1 Datasheet HTML 65Page - National Semiconductor (TI) GX1 Datasheet HTML 66Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 247 page
background image
www.national.com
62
Revision 1.0
Processor Programming (Continued)
3.3.3
Model Specific Register
The Model Specific Register (MSR) Set is used to monitor
the performance of the processor or a specific component
within the processor.
A MSR can be read using the RDMSR instruction, opcode
0F32h. During a MSR read, the contents of the particular
MSR, specified by the ECX register, is loaded into the
EDX:EAX registers.
AMSR canbewrittenusing theWRMSR instruction,
opcode 0F30h. During a MSR write, the contents of
EDX:EAX are loaded into the MSR specified in the ECX
register.
The RDMSR and WRMSR instructions are privileged
instructions.
The GX1 processor contains one 64-bit Model Specific
Register (MSR10) the Time Stamp Counter (TSC).
3.3.4
Time Stamp Counter
The TSC, (MSR[10]), is a 64-bit counter that counts the
internal CPU clock cycles since the last reset. The TSC
uses a continuous CPU core clock and continues to count
clock cycles unless the processor is in Suspend.
The TSC is read using a RDMSR instruction, opcode
0F32h, with the ECX register set to 10h. During a TSC
read, the contents of the TSC is loaded into the EDX:EAX
registers.
The TSC is written to using a WRMSR instruction, opcode
0F30h with the ECX register set to 10h. During a TSC
write, the contents of EDX:EAX are loaded into the TSC.
The RDMSR and WRMSR instructions are privileged
instructions.
In addition, the TSC can be read using the RDTSC instruc-
tion, opcode 0F31h. The RDTSC instruction loads the con-
tents of the TSC into EDX:EAX. The use of the RDTSC
instruction is restricted by the TSC flag (bit 2) in the CR4
register (refer to Tables 3-6 and 3-7 on page 48 for CR4
register information). When the TSC bit = 0, the RDTSC
instruction can be executed at any privilege level. When the
TSC bit = 1, the RDTSC instruction can only be executed at
privilege level 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com