Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 47 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 47 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 43Page - National Semiconductor (TI) GX1 Datasheet HTML 44Page - National Semiconductor (TI) GX1 Datasheet HTML 45Page - National Semiconductor (TI) GX1 Datasheet HTML 46Page - National Semiconductor (TI) GX1 Datasheet HTML 47Page - National Semiconductor (TI) GX1 Datasheet HTML 48Page - National Semiconductor (TI) GX1 Datasheet HTML 49Page - National Semiconductor (TI) GX1 Datasheet HTML 50Page - National Semiconductor (TI) GX1 Datasheet HTML 51Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 247 page
background image
Revision 1.0
47
www.national.com
Processor Programming (Continued)
3.3.2
System Register Set
The System Register Set, shown in Table 3-5, consists of
registers not generally used by application programmers.
These registers are typically employed by system level pro-
grammers who generate operating systems and memory
management programs. Associated with the System Reg-
ister Set are certain tables and segments which are listed
in Table 3-5.
The Control Registers control certain aspects of the GX1
processor such as paging, coprocessor functions, and seg-
ment protection.
The Configuration Registers are used to define the GX1
CPU setup including cache management.
The Debug Registers provide debugging facilities for the
GX1 processor and enable the use of data access break-
points and code execution breakpoints.
The Test Registers provide a mechanism to test the con-
tents of both the on-chip 16 KB cache and the Translation
Lookaside Buffer (TLB).
The Descriptor Table Register hold descriptors that man-
age memory segments and tables, interrupts and task
switching. The tables are defined by corresponding regis-
ters.
The two Task State Segment Tables defined by TSS reg-
ister are used to save and load the computer state when
switching tasks.
The ID Registers allow BIOS and other software to identify
the specific CPU and stepping.
System Management Mode (SMM) control information is
stored in the SMM Registers.
Table 3-5 lists the system register sets along with their size
and function.
Table 3-5. System Register Set
Group
Name
Function
Width
(Bits)
Control
Registers
CR0
System Control
Register
32
CR2
Page Fault Linear
Address Register
32
CR3
Page Directory Base
Register
32
CR4
Time Stamp Counter
32
Configuration
Registers
CCRn
Configuration Con-
trol Registers
8
Debug
Registers
DR0
Linear Breakpoint
Address 0
32
DR1
Linear Breakpoint
Address 1
32
DR2
Linear Breakpoint
Address 2
32
DR3
Linear Breakpoint
Address 3
32
DR6
Breakpoint Status
32
DR7
Breakpoint Control
32
Test
Registers
TR3
Cache Test
32
TR4
Cache Test
32
TR5
Cache Test
32
TR6
TLB Test Control
32
TR7
TLB Test Data
32
Descriptor
Tables
GDT
General Descriptor
Table
32
IDT
Interrupt Descriptor
Table
32
LDT
Local Descriptor
Table
16
Descriptor
Table
Registers
GDTR
GDT Register
32
IDTR
IDT Register
32
LDTR
LDT Register
16
Task State
Segment and
Registers
TSS
Task State Segment
Table
16
TR
TSS Register Setup
16
ID
Registers
DIRn
Device Identification
Registers
8
SMM
Registers
SMARn
SMM Address
Region Registers
8
SMHRn
SMM Header
Addresses
8
Performance
Registers
PCR0
Performance Con-
trol Register
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com