Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 75 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 75 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 71Page - National Semiconductor (TI) GX1 Datasheet HTML 72Page - National Semiconductor (TI) GX1 Datasheet HTML 73Page - National Semiconductor (TI) GX1 Datasheet HTML 74Page - National Semiconductor (TI) GX1 Datasheet HTML 75Page - National Semiconductor (TI) GX1 Datasheet HTML 76Page - National Semiconductor (TI) GX1 Datasheet HTML 77Page - National Semiconductor (TI) GX1 Datasheet HTML 78Page - National Semiconductor (TI) GX1 Datasheet HTML 79Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 247 page
background image
Revision 1.0
75
www.national.com
Processor Programming (Continued)
Task State Segments Descriptors
The CPU enables rapid task switching using JMP and
CALL instructions that refer to Task State Segment (TSS)
descriptors. During a switch, the complete task state of the
current task is stored in its TSS, and the task state of the
requested task is loaded from its TSS. The TSSs are
defined through special segment descriptors and gates.
The Task Register (TR) holds 16-bit descriptors that con-
tain the base address and segment limit for each task state
segment. The TR is loaded and stored via the LTR and
STR instructions, respectively. The TR can be accessed
only during protected mode and can be loaded when the
privilege level is 0 (most privileged). When the TR is
loaded, the TR selector field indexes a TSS descriptor that
must reside in the Global Descriptor Table (GDT).
Only the 16-bit selector of a TSS descriptor in the TR is
accessible. The BASE, TSS LIMIT and ACCESS RIGHT
fields are program invisible.
During task switching, the processor saves the current
CPU state in the TSS before starting a new task. The TSS
can be either a 386/486-type 32-bit TSS (see Table 3-26) or a
286-type 16-bit TSS (see Table 3-27).
Task Gate Descriptors. A task gate descriptor provides
controlled access to the descriptor for a task switch. The
DPLofthe task gateisusedtocontrol access. The selec-
tor’s RPL and the CPL of the procedure must be a higher
level (numerically less) than the DPL of the descriptor. The
RPLinthe task gate is not used.
TheI/O MapBaseAddress fieldinthe 32-bit TSSpoints to
an I/O permission bit map that often follows the TSS at
location +68h.
Table 3-26. 32-Bit Task State Segment (TSS) Table1
31
16 15
0
I/O Map Base Address
00000000000
0000
T
+64h
0000000000
000000
Selector for Task’s LDT
+60h
0000000000
000000
GS
+5Ch
0000000000
000000
FS
+58h
0000000000
000000
DS
+54h
0000000000
000000
SS
+50h
0000000000
000000
CS
+4Ch
0000000000
000000
ES
+48h
EDI
+44h
ESI
+40h
EBP
+3Ch
ESP
+38h
EBX
+34h
EDX
+30h
ECX
+2Ch
EAX
+28h
EFLAGS
+24h
EIP
+20h
CR3
+1Ch
0000000000
000000
SS for CPL = 2
+18h
ESP for CPL = 2
+14h
0000000000
000000
SS for CPL = 1
+10h
ESP for CPL = 1
+Ch
0000000000
000000
SS for CPL = 0
+8h
ESP for CPL = 0
+4h
0000000000
000000
Back Link (Old TSS Selector)
+0h
1.
0 = Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com